Electronic Components Datasheet Search
  English  ▼

X  

UPC251 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC251
Description  General Purpose Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC251 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC251 Datasheet HTML 1Page - Renesas Technology Corp UPC251 Datasheet HTML 2Page - Renesas Technology Corp UPC251 Datasheet HTML 3Page - Renesas Technology Corp UPC251 Datasheet HTML 4Page - Renesas Technology Corp UPC251 Datasheet HTML 5Page - Renesas Technology Corp UPC251 Datasheet HTML 6Page - Renesas Technology Corp UPC251 Datasheet HTML 7Page - Renesas Technology Corp UPC251 Datasheet HTML 8Page - Renesas Technology Corp UPC251 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UPC251, UPC1458
R03DS0118EJ0100 Rev.1.00
Page 5 of 8
Feb.18.25
0
2
4
0
±10
±20
Power Supply Voltage, V ± [V]
ICC vs. V ±
0
2
4
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
ICC vs. TA
V ± = ±15 V
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V ± = ±15 V
Any sample data
0
100
200
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
Pd vs. TA
V ± = ±15 V
0
50
100
150
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
IB vs. TA
V ± = ±15 V
-20
-10
0
10
20
-20
0
20
40
60
80
Operating Ambient Temperature, TA [°C]
IIO vs. TA
V ± = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com