Electronic Components Datasheet Search
  English  ▼

X  

UPC251 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC251
Description  General Purpose Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC251 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC251 Datasheet HTML 1Page - Renesas Technology Corp UPC251 Datasheet HTML 2Page - Renesas Technology Corp UPC251 Datasheet HTML 3Page - Renesas Technology Corp UPC251 Datasheet HTML 4Page - Renesas Technology Corp UPC251 Datasheet HTML 5Page - Renesas Technology Corp UPC251 Datasheet HTML 6Page - Renesas Technology Corp UPC251 Datasheet HTML 7Page - Renesas Technology Corp UPC251 Datasheet HTML 8Page - Renesas Technology Corp UPC251 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0118EJ0100 Rev.1.00
Page 1 of 8
Feb.18.25
Datasheet
UPC251, UPC1458
General Purpose Dual Operational Amplifiers
DESCRIPTION
UPC251, 1458 are dual general purpose operational amplifiers having internal frequency compensating
circuits. They are intended for a wide range of analog applications. High common mode voltage range and no
latch up tendencies make these amplifiers ideal for use as a voltage follower.
Depending on operating ambient temperature, UPC251 is suited for communication application while
UPC1458 is for general purposes usage.
FEATURES
• Input Offset Voltage
±1 mV (TYP.)
• Input Offset Current
±20 nA (TYP.)
• Input Bias Current
80 nA (TYP.)
• Large Signal Voltage Gain 160000 (TYP.)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard dual op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC251G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC1458G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3
II2
IN2
1
- +
2
+ -
5
Q3
v
Q2
IN
Q4
Q1
R4
Q16
Q17
Q7
Q18
Q9
Q19
Q24
Q20
Q14
OUT
Q15
V +
R7
D1
II
R9
30 Ω
R10
Q25
C1
30pF
v
v
Q23
v
Q22
50 kΩ
Q21
v
R11
R12
50 Ω
50 kΩ
R1
5 kΩ
R3 R2
1 kΩ
1 kΩ
V -
µPC251G2, μPC1458G2
UPC251G2, UPC1458G2


Similar Part No. - UPC251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
UPC251A ETC1-UPC251A Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
UPC251C ETC-UPC251C Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
UPC251C ETC1-UPC251C Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
UPC251D ETC-UPC251D Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - UPC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
Dual general purpose operational Amplifiers.
logo
Texas Instruments
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747C TI1-UA747C Datasheet
317Kb / 13P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
General Purpose Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com