Electronic Components Datasheet Search
  English  ▼

X  

UPC452 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC452
Description  Single Power Supply Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC452 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC452 Datasheet HTML 1Page - Renesas Technology Corp UPC452 Datasheet HTML 2Page - Renesas Technology Corp UPC452 Datasheet HTML 3Page - Renesas Technology Corp UPC452 Datasheet HTML 4Page - Renesas Technology Corp UPC452 Datasheet HTML 5Page - Renesas Technology Corp UPC452 Datasheet HTML 6Page - Renesas Technology Corp UPC452 Datasheet HTML 7Page - Renesas Technology Corp UPC452 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC452, UPC3403
R03DS0138EJ0200 Rev.2.00
Page 4 of 7
Feb.18.25
ELECTRICAL CHARACTERISTICS CURVE (TA = 25 °C, TYP.) (Reference value)
UPC452G2, 3403G2
182 °C/W
0
200
400
600
800
1000
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute maximum rating)
0
20
40
60
80
100
120
140
1
10 100 1k 10k 100k 1M 10M
Frequency, f [Hz]
AV vs. f
V ± = ±15 V
RL = 2 kΩ
0
20
40
60
0
±5
±10
±15
Power Supply Voltage, V ± [V]
IB vs. V ±
0
20
40
60
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
IB vs. TA
V ± = ±15 V
0
10
20
30
1k
10k
100k
1M
Frequency, f [Hz]
Vom vs. f
V ± = ±15 V
RL = 10 kΩ
0
10
20
30
0
±5
±10
±15
Power Supply Voltage, V ± [V]
Vom vs. V ±
RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com