Electronic Components Datasheet Search
  English  ▼

X  

UPC452 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC452
Description  Single Power Supply Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC452 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC452 Datasheet HTML 1Page - Renesas Technology Corp UPC452 Datasheet HTML 2Page - Renesas Technology Corp UPC452 Datasheet HTML 3Page - Renesas Technology Corp UPC452 Datasheet HTML 4Page - Renesas Technology Corp UPC452 Datasheet HTML 5Page - Renesas Technology Corp UPC452 Datasheet HTML 6Page - Renesas Technology Corp UPC452 Datasheet HTML 7Page - Renesas Technology Corp UPC452 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0138EJ0200 Rev.2.00
Page 1 of 7
Feb.18.25
Datasheet
UPC452, UPC3403
Single Power Supply Quad Operational Amplifiers
DESCRIPTION
UPC452, 3403 are high-performance version of the single-supply op-amp UPC451, 324.Class AB push-pull
circuity is employed in the output stage to avoid crossover distortion, and the AC characteristics of this
op-amp are also improved. In addition, this single-supply op-amp can operate in both positive and negative
power supply and its common-mode input voltage range can also be used from the V- (GND) level. Therefore,
this amplifier can be widely used in various application circuit including single-supply AC amplifiers.
Depending on operating ambient temperature, UPC452 is suited for communication application while
UPC3403 is for general purposes usage.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Offset Current
±5 nA (TYP.)
• Input Bias Current
45 nA (TYP.)
• Slew Rate
0.8 V/μs (TYP.)
• Built-In phase correction circuit
• Built-In Output Short-Circuit Protection
• Standard quad op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC452G2-AP
14-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC3403G2-AP
14-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
PIN CONFIGURATION (Top View)
1
+
-
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14 OUT4
13 II4
12 IN4
4
-
+
3
2
7
OUT2
6
II2
5
IN2
8 OUT3
9 II3
10 IN3


Similar Part No. - UPC452

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
Single Power Supply Quad Operational Amplifier
2019.1.17
UPC452G2-A RENESAS-UPC452G2-A Datasheet
493Kb / 8P
Single Power Supply Quad Operational Amplifier
2019.1.17
More results

Similar Description - UPC452

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com