Electronic Components Datasheet Search
  English  ▼

X  

FC-5000 Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # FC-5000
Description  Flow Monitoring
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

FC-5000 Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  FC-5000 Datasheet HTML 1Page - Veris. All Rights Reserved. FC-5000 Datasheet HTML 2Page - Veris. All Rights Reserved. FC-5000 Datasheet HTML 3Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
The Badger Meter® FC-5000 is a microprocessor-driven device designed
for energy/BTU and flow monitoring. The FC-5000 BTU Monitor is
compatible with the complete line of Badger Meter industrial flow
meters and temperature sensors, creating a solution to monitor
hydronic energy usage, flow rate and totals. Many years of experience in
the industrial market has allowed Badger Meter to incorporate features
indispensable in control operations
SPECIFICATIONS
FC-5000 Series
Enhanced
viewing
Large, backlit graphical display
Intuitive
navigation
Integrated softkeys and full
numeric keypad
Programmable
scaled outputs
Outputs transmit rate, total or
temperature data via dedicated
output channels
Programmable
relays
Enables alarms or totalizing
output capabilities for rates,
totals and temperaturesr
Plug & play
terminals
Easy, user-friendly installation
Rugged
application
Robust enclosure, keypad
and mechanical relays
• Interfacing and displaying
sensor data
• Energy monitoring,
communication, and
management
APPLICATIONS
FC-5000
Power Supply
Input Range
10 to 40Vdc, 9 to 28Vac RMS (50 to 60 Hz)
Max. Power
Consumption
8 W (power supply must provide 8 W min.)
Additional
Parameters
Isolated from power ground
Over-voltage, transient and reverse polarity protected
Flow Meter Inputs
Independent
Channels
1
Input Range
0.3 Hz to 10 kHz
Configuration
Options
Square wave 0 to 30V pulse with 2.5V threshold,
Sine wave, zero-centered with 45 mV threshold,
Configurable debounce
Excitation Output
12 Vdc source
Voltage
Low: -0.3 to 1.85 Vdc
High: 2.5 to 25 Vdc
Impedance
Pullup to 12 Vdc
Vdc Current
±50 mA, short circuit current
Response
100 µs/3.5 ms min pulse (high/low speed)
Temperature Inputs
Independent
Channels
2
RTD Specifications
50 µA/1000 µA excitation current source
2, 3 and 4-wire compatible (Platinum, 100 and 1000 Ω
RTDs, optional two-point or customizable calibration
configuration)
Callendar-Van Dusen coefficients
Thermistor Specs
Type II thermistors or customizable calibration configu-
ration, Steinhart-Hart coefficients
Scaled Outputs
Independent
Channels
2
Analog Output
(Option A)
Configurable to 0 to 5V, 0 to 10V or 4 to 20 mA;
Uncertainty: ±0.1% of reading;
16-bit resolution (0 to 10V and 4 to 20 mA), 15-bit reso-
lution (0 to 5V);
200 ms, 90-10% step response;
Sourcing analog output signal
Frequency Output
(Option F)
TTL, 1 to 4000 Hz, square wave;
Uncertainty: ±0.01% reading;
Resolution: 0.01 Hz
Additional
Parameters
Isolated from power ground
Over-voltage, transient and reverse polarity protected
Output is multiplexed on the process out pins
Digital I/O
Independent
Channels
6
Additional
Parameters
Isolated from power ground
Over-voltage, transient and reverse polarity protected
0 to 30V as input
Debounce
0 to 5V, TTL, 200 ms 90-10% step response,
driving < 0.1 uF
CALCULATIONS
Flow Calculation
Uncertainty: ± 0.01%
Adjustable FIR/IIR filtering
BTU Calculation
Meets EN 1434 requirements
Flow Monitoring | Monitor: Local Display, Output & BTU
FC-5000 SERIES
Displays Flow Rate, Flow Total and Energy
HQ0007946.C 0525


Similar Part No. - FC-5000

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
FC-50 MULTICOMP-FC-50 Datasheet
192Kb / 1P
Flat Cable Clamps
09/06/22 V1.0
More results

Similar Description - FC-5000

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
MONITORING IC
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
Monitoring IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
Monitoring IC
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
Systemsensor advanced i...
ZCK-1 SYSTEMSENSOR-ZCK-1 Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
logo
Unisonic Technologies
UU4793 UTC-UU4793_15 Datasheet
191Kb / 5P
OVERLOAD MONITORING
logo
ADL Embedded Solutions
ADLGS45HDS ADL-ADLGS45HDS Datasheet
663Kb / 2P
Hardware Monitoring
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
EMD-BL-V-230 PHOENIX-EMD-BL-V-230 Datasheet
139Kb / 6P
Undervoltage monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com