Electronic Components Datasheet Search
  English  ▼

X  

FC-5000 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # FC-5000
Description  Flow Monitoring
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

FC-5000 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  FC-5000 Datasheet HTML 1Page - Veris. All Rights Reserved. FC-5000 Datasheet HTML 2Page - Veris. All Rights Reserved. FC-5000 Datasheet HTML 3Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
SPECIFICATIONS (CONT.)
FC-5000 Series
RELAY OUTPUTS
Configuration
(Option C)
Two Form C mechanical relays
Configuration
(Option A)
One Form C mechanical relay
One Form A solid state relay
Form C Relay
Load: Resistive
Rated carry current: 5A (N.C. or N.O.)
Max. switching voltage: 250 Vac, 30 Vdc
Min. permissible load: 10 mA at 5 Vdc
Coil rating: 5 to 24 Vdc
Life expectancy: 5,000,000 operations
Form A Relay
(N.O. SPST)
Switching speed: On (0.25 ms), Off (0.02 ms)
Current rating (IO): 1A
Max. output voltage (VO): 60V
Output On-Resistance (R(ON)):
0.5 Ω @ IF = 5 mA, IO = 1 A
Output Withstand Voltage (VO(OFF)):
60-65V @ VF = 0.8V, IO = 250 µA, TA = 77° F (25° C)
Additional
Parameters
Isolated coil drivers
Over-voltage, transient and reverse polarity protected
NETWORK COMMUNICATIONS
Protocols
Modbus RTU, Modbus ASCII or BACnet
Physical Layer
EIA-485 (RS-485)
Baud Rates
1200 to 115.2K
Additional
Parameters
Two-wire (half-duplex)
Over-voltage/ESD Protection
Isolated from power ground
USB COMMUNICATIONS
USB (Host)
Type A receptacle (currently not supported)
USB (Device)
Mini-B receptacle (used for field updates)
Additional
Parameter
Over-voltage/ESD/transient protected
DISPLAY/USER INTERFACE
Keypad
Membrane overlay, domed tactile response keys,
keypad interface is protected from ESD
Display
128 × 64 pixel LCD graphical display, LED backlit
Additional
Parameter
Protected from EMI/RFI
ENVIRONMENTAL RATINGS
Pollution Degree
2
Altitude
Up to 2000 m (6561 ft)
Over-Voltage Rating Category II
Ambient Temp.
32 to 130° F (0 to 55° C)
Storage Temp.
-40 to 160° F (-40 to 70° C)
Humidity
0 to 85%, non-condensing
WEIGHTS (APPROX.)
Panel Mount
1.25 lb (0.57 kg)
Wall Mount
(Including Unit)
4.54 lb (2.06 kg)
OPERATOR FUNCTIONS
Operator Functions
Unlatch relays, reset totalizers, unlatch relays and reset
totalizers
PARAMETERS
Max. Displayed
Digits
Rates: Max 8 (7 with decimal)
Totals: Max 9 (8 with decimal)
Resolution/Display
Precision
Configurable, 0 to 4
Volumetric Flow
Rate Units Seconds
(S), Minute (MIN),
Hour (H), Day (D),
Volumetric Flow
Total Units
US Gallons (US GAL), Imperial Gallons (I GAL), Mega US
Gallons (US MGAL), Mega Imperial Gallons (I MGAL),
Liters (L), Mega Liters (ML), Cubic Meters (M3), Cubic
Feet (FT3), Acre Feet (AC-FT), Oil Barrels (OBBL), Liquid
Barrels (LBBL), US Ounces (US OZ), Imperial Ounces
(I OZ), Custom (user-specified)
Energy Units
kBTU, BTU, KW, TONS (RT), Custom (user-defined)
Temperature Units
° F (Fahrenheit), ° C (Celsius), R (Rankine) or K (Kelvin)
WARRANTY
Limited Warranty
1 year
AGENCY APPROVALS
Aprovals
CE Marked for Low Voltage Directive and RoHS
CSA Marked per Class C225286 and C225206, Process
Control Equipment
CSA C22.2 No. 61010-1-12, General requirements
CAN/CSA-C22.2 No. 61010-1-12 Safety requirements
for electrical equipment for measurement, control and
laboratory use. Part 1: General requirements —
Tri-national standard with UL 61010-1 and ANSI/ISA-
61010-1 (82.02.01)
Note: Mounting clips can accommodate a maximum
panel thickness of 1.5 in. (38.1 mm)
PANEL MOUNT
Dimensional Drawing
WALL MOUNT
Dimensional Drawing
E
D
C
A
G
F
B
H
B
A
Panel Cutout
C
D
E
A
B
A
B
C
D
E
F
G
H
HEIGHT
WIDTH
DEPTH
WIDTH
HEIGHT
WIDTH
HEIGHT
HOLE DIA.
Panel Cutout
2.65 (67.31)
5.40 (137.16)
–
–
–
–
–
–
FC-5000 Unit
3.50 (89.00)
6.22 (158.00)
3.07 (78.00)
5.38 (136.65)
2.54 (64.52)
–
–
–
Wall Mount Unit
9.38 (238.25)
9.38 (238.25)
4.88 (123.95)
8.00 (203.20)
9.56 (242.83)
6.00 (152.40)
8.75 (222.25)
0.31 (7.87)
Note: All measurements: in. (mm)
Flow Monitoring | FC-5000 Series
CONTINUED NEXT PAGE
HQ0007946.C 0525



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com