Electronic Components Datasheet Search
  English  ▼

X  

M41T93 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 20Page - STMicroelectronics M41T93_07 Datasheet HTML 21Page - STMicroelectronics M41T93_07 Datasheet HTML 22Page - STMicroelectronics M41T93_07 Datasheet HTML 23Page - STMicroelectronics M41T93_07 Datasheet HTML 24Page - STMicroelectronics M41T93_07 Datasheet HTML 25Page - STMicroelectronics M41T93_07 Datasheet HTML 26Page - STMicroelectronics M41T93_07 Datasheet HTML 27Page - STMicroelectronics M41T93_07 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Clock operation
M41T93
24/51
The on-chip capacitance can be calculated as follows:
For example:
CLOAD (12h = x0000000) = 12.5pF,
CLOAD (12h =11001000) = 3.5pF, and
CLOAD (12h = 00100111) = 17.4pF.
The oscillator sees a minimum of 3.5pF with no programmable load capacitance selected.
Note:
These are typical values, and the total load capacitance seen by the crystal will include
approximately 1-2pF of package and board capacitance in addition to the Analog Calibration
register value.
Any invalid value of Analog Calibration will result in the default capacitance of 25pF.
The combination of analog and digital trimming can give up to –93 to +156 ppm of the total
adjustment.
Figure 11 on page 25 represents a typical curve of clock ppm adjustment versus the Analog
Calibration value. This curve may vary with different crystals, so it is good practice to
evaluate the crystal to be used with an M41T93 device before establishing the adjustment
values for the application in question.
C
LOAD
AC6 AC0 value
–
decimal
,
() 0.25pF
×
[] 7pF
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com