Electronic Components Datasheet Search
  English  ▼

X  

M41T93 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 24Page - STMicroelectronics M41T93_07 Datasheet HTML 25Page - STMicroelectronics M41T93_07 Datasheet HTML 26Page - STMicroelectronics M41T93_07 Datasheet HTML 27Page - STMicroelectronics M41T93_07 Datasheet HTML 28Page - STMicroelectronics M41T93_07 Datasheet HTML 29Page - STMicroelectronics M41T93_07 Datasheet HTML 30Page - STMicroelectronics M41T93_07 Datasheet HTML 31Page - STMicroelectronics M41T93_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Clock operation
M41T93
28/51
3.6
Optional second programmable alarm
When the Alarm 2 Enable (AL2E) Bit (D1 of address 13h) is set to a logic ‘1,’ registers 14h
through 18h provide control for a second programmable alarm which operates in the same
manner as the alarm function described above.
The AL2E Bit defaults on initial power-up to a logic ‘0’ (Alarm 2 disabled). In this mode, the
five address bytes (14h-18h) function as additional user SRAM, for a total of 12 bytes of
user SRAM.
Figure 14.
Alarm interrupt reset waveform
Figure 15.
Back-up mode alarm waveform
Note:
ABE and A1IE Bits = 1.
ALARM FLAG BITS (AFx)
0Fh
0Eh
00h
HIGH-Z
AI11823
IRQ/FT/OUT
VCC
IRQ/FT/OUT
AFx Bits in Flags
Register
HIGH-Z
VSO
VPFD
trec
AI11824
Table 6.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
11111
Once per Second
11110
Once per Minute
11100
Once per Hour
11000
Once per Day
10000
Once per Month
00000
Once per Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com