Electronic Components Datasheet Search
  English  ▼

X  

LD30 Datasheet(PDF) 1 Page - LightGraphix

Part # LD30
Description   LED System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD30 Datasheet(HTML) 1 Page - LightGraphix

  LD30 Datasheet HTML 1Page - LightGraphix LD30 Datasheet HTML 2Page - LightGraphix LD30 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 1
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 14 March 2025
LD30
High Power Linear Reflector LED System
The ultra slim profile is the ideal lighting solution for display cases. The LEDs are mounted within a unique linear reflector system which creates a very even and focused
beam with no spotting from lenses or loss of output from just using the LED itself. For its size this system packs a huge punch! LD30 offers great flexibility to the designer,
with a range of options that suit most applications, details and project budgets.
Key Features
Specification
Superb continuous lighting capabilities
Multiple point sources create maximum sparkle
High power for compact size
5 different mounting options
Reflector focuses the light where it is needed
LED spacing of 50, 75 and 100mm are available, allowing cost savings with
fewer LEDs and drivers whilst still achieving the desired effect
Custom made lengths as standard
Available with Switched, 0-10V, DMX or Dali drivers
-
-
-
-
-
-
-
-
Applications
Beam Angles
82°
LED type
Cree XPG2
Colour temperature
2700K** / 3000K
5000K
Drive Current (mA)
350
500
350
500
LED power* (W)
1.2W
1.7W
1.2W
1.7W
CRI (typical)
93
93
75
75
Forward voltage (V)100
3.0V
3.2V
3.0V
3.2V
LED spacing
Delivered lm/m** (L100)
50mm
2052
2800
2493
3402
75mm
1334
1820
1620
2211
100mm
1026
1400
1247
1701
Lumens per circuit watt*** 86
82
104
100
LED lifetime (to 70%
lumen maintenance)
50,000hrs at a max ambient temperature of 35
°C
Materials
Silver anodised aluminium body, Polycarbonate
cover. Aluminium reflector and end caps.
Wiring
Comes pre-wired with 2m lead, can be specified
with up to 10m at extra cost
IP rating
IP40
*LED wattage includes losses associated with using an 85% efficient driver
** 2700K lumen output is 12% lower than the 3000K figure listed
4000K lumen output is 14% higher than the 3000K figure listed (80 CRI)
***Data shown allows for 50mm spacing
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
METHOD 1
METHOD 2
METHOD 3
METHOD 4
METHOD 5
Ø29
Ø29
6
6
DIM
Ø29
M8
M8
Ø29
6
6
DIM
M8
M8
M8
14
14
DIM
SUPPORT RODS MAX 400MM
14
14
DIM
M8
M8
DIM
6
6
39
31
Ø29
DIM
Ø30
DIM
38
38
DIM
12.5
25
Ø29 Ø54
DIM
Ø30
5
DIM
DIM
38
38
25
Ø54
Ø29
A second rail can be added
/CS Optional centre support
for lengths over 1.2m
Wardrobe
M4 grub screw
Method 1
M8
M8
M8
M8
Method 2
Mounting Methods
DIM
6
6
Ø29
DIM
6
6
Ø29
DIM
14
14
MAX 400mm
SUPPORT
Method 3
Adjustable and
lockable
Method 5
DIM
14
14
DIM
6
6
39
Method 4
Ø29
82°
Beam angle
82°
Ø29


Similar Part No. - LD30

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD30-26B03R2 MORNSUN-LD30-26B03R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B05R2 MORNSUN-LD30-26B05R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B09R2 MORNSUN-LD30-26B09R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B12R2 MORNSUN-LD30-26B12R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
LD30-26B15R2 MORNSUN-LD30-26B15R2 Datasheet
1Mb / 5P
30W, AC-DC converter
2021.11.16-A/0
More results

Similar Description - LD30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
Low Noise White LED Driver System
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
System LED Drivers for Mobile Phones
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
SOLID-STATE LED LIGHTING SYSTEM
logo
Infineon Technologies A...
ICLS6022J INFINEON-ICLS6022J Datasheet
1Mb / 33P
LED System Driver ICs
Version 1.0, 2011-05-19
logo
List of Unclassifed Man...
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701948-5WCWT3 ETC2-701948-5WCWT3 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
Versatile LED lighting system
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com