Electronic Components Datasheet Search
  English  ▼

X  

LD30 Datasheet(PDF) 3 Page - LightGraphix

Part # LD30
Description   LED System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD30 Datasheet(HTML) 3 Page - LightGraphix

  LD30 Datasheet HTML 1Page - LightGraphix LD30 Datasheet HTML 2Page - LightGraphix LD30 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 3
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 14 March 2025
LED colour options
Suffix
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
Finish options
Silver anodised (standard)
Paint finish white / black / RAL (only available with LD30-350)
Mounting Method
Method 1
/M1
Method 2
/M2
Method 3
/M3
Method 4
/M4
Method 5
/M5
Cover option
Clear cover
/CC
Frosted cover
/FD
Product codes with output options
1.2W LED at 350mA
LD30-350
1.7W LED at 500mA
LD30-500
LED spacing
50mm
/50
75mm
/75
100mm
/100
LD30
High Power Linear Reflector LED System
Order Codes and Options
Use with 350mA and 500mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains dimmable.
Please see the downloads section on our website.
Photometric files are included in the design pack which can be downloaded
from the LD30 product page on the website.
Photometrics
Example: LD30-350 / LW30 / 50 / CC / M1 / 1000mm / Silver anodised
Product
code
LED
colour
Length
(DIM)
LED
spacing
Finish
LD30 - 350
- 500
Cover
option
Mounting
method
Max ambient temp. @ 50mm spacing:
350mA - 45°C
500mA - 35°C
Requires consideration in small, unventilated display cabinets.
Thermals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com