Electronic Components Datasheet Search
  English  ▼

X  

LD36 Datasheet(PDF) 1 Page - LightGraphix

Part # LD36
Description  LED LINEAR WALL GRAZER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36 Datasheet(HTML) 1 Page - LightGraphix

  LD36 Datasheet HTML 1Page - LightGraphix LD36 Datasheet HTML 2Page - LightGraphix LD36 Datasheet HTML 3Page - LightGraphix LD36 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet issued: 10 July 2024 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD36
>
Linear C1 engine with NICHIA LED delivering up to 2820lm/m
>
Compact design with customised lengths up to 2100mm and LED spacings of 50mm,
75mm and 100mm
>
High efficiency optics specially designed for LightGraphix, guarantee excellent
beam spread and shape
>
LED spacing maintained across lengths to ensure no dark spots
>
Short pieces can be interlinked to accommodate curves
>
Optional black anti-glare louvre available to reduce glare and improve visual comfort
>
4 fixing options, including a mini adjustable bracket, ideal for coffer details
>
Aluminium extrusion, anodised to a thickness of 25 microns and available in silver
or black
>
IP54 option for interior wet environments
>
Cost effective alternative to using a linked system for an entire project
>
Switched, 0-10V, Casambi, DMX, DALI and Mains dimmable drivers available
For fitting dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
15
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
35
30
2226
HIGH-POWER INTERIOR LED LINEAR
WALL GRAZER
LD36
Offering superb continuous wall washing capabilities from a
very compact product, LD36 provides the flexibility to create
a range of lit effects in various install applications. From
coffer details to seamless shadow free curves, lengths are
customisable up to 2100mm and can be specified in wet or
dry interior environments, with an optional anti-glare louvre to
ensure visual comfort. LD36 features an anodised aluminium
body, high-power LED and ultra efficient optics, to deliver
excellent beam spread, shape and thermal management.


Similar Part No. - LD36

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD36RGB LIGHTGRAPHIX-LD36RGB Datasheet
205Kb / 3P
Lensed Surface Washer
2 June 2016
More results

Similar Description - LD36

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
3mm LED Linear Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
3mm LED Linear Array
logo
P-tec Corporation
HWW-X030T-10015Z-H1 P-TEC-HWW-X030T-10015Z-H1 Datasheet
296Kb / 4P
X30T RGB LED Wall Washers
HWW-X036T-038070-H1 P-TEC-HWW-X036T-038070-H1 Datasheet
510Kb / 6P
X36T RGB LED Wall Washers
HWW-X036T-038070-H2 P-TEC-HWW-X036T-038070-H2 Datasheet
227Kb / 5P
X36T RGB LED Wall Washers
HWW-X072T-065070-H1 P-TEC-HWW-X072T-065070-H1 Datasheet
443Kb / 5P
X72T RGB LED WALL WASHERS
HWW-X072T-065070-H2 P-TEC-HWW-X072T-065070-H2 Datasheet
231Kb / 5P
X72T RGB LED WALL WASHERS
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
Linear LED Driver
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
80W Linear LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com