Electronic Components Datasheet Search
  English  ▼

X  

LD36 Datasheet(PDF) 3 Page - LightGraphix

Part # LD36
Description  LED LINEAR WALL GRAZER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36 Datasheet(HTML) 3 Page - LightGraphix

  LD36 Datasheet HTML 1Page - LightGraphix LD36 Datasheet HTML 2Page - LightGraphix LD36 Datasheet HTML 3Page - LightGraphix LD36 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet issued: 10 July 2024 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD36
DIMENSIONS & FIXING OPTIONS
Dimensions in mm
/BSM Bracket side mounting
/SC Spring clip
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
15
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
35
30
2226
Custom made lengths
50mm, 75mm and 100mm LED spacing is maintained over multiple lengths.
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
50 - 2100mm
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
50
50
50
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
75
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
3
25
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
23
30
39
ACCESSORIES
/GL36
Optional anti-glare louvre can be specified for reduced glare. Please note this is only
supplied in a black finish.
CURVE APPLICATIONS
To accommodate curved architecture, LD36 can be specified in small sections depending
on the radius. These are hard wired together so that the LED spacing is maintained,
ensuring no shadows.
/BEM Bracket end mounting (max 1200mm length)
/ABM Adjustable bracket mounting
Cable entry is from the side as standard. With an adjustable brackets it is rear cable entry.
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
91°
42
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
40
17.6
34
43
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
12
/478 Fixing Sleeve with 'O' rings
Ø50.5
Ø27.5
12.5
41
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
Method 1
/478 Fixing Sleeve with 'O 'rings
/479 Fixing Sleeve with 'O' rings
36
Ø30.5
1
Ø27.5
30
40
Ø32
Ø30
13.2
17.6
11.5
16
21
21.5
C128 Fixing clip is
supplied as standard
E2121Aluminium U channel
for LED lighttube with fixing
clip
100°
OAL
15
15
20
OAL
15
15
30
LD12LT and LD12LT/RGB
LD12LT/ECO
End allowance and LED spacing
IP68 End allowance
30
30
DIM
17.4
Ø15
21.5
50
75
50
50
50
50
50
8.4
75
37.5
14.4
50
100
35.6
14.4
1.5
1.5
50
50
100
35.6
14.4
1.5
50
100
12.5
17
20.8
33.7
37.5
33.3
46.2
16.7
91°
42
39
23
30
25
40
43
25
12
19.6
43
17.6
15
50
34
BSM - Bracket Side Mounting
BEM - Bracket End Mounting
SC - Spring Clip
ABM - Adjustable Bracket Mounting
75
50
50
100
80
Minimum width of slot detail when
downlighting with LD36-500 at 50mm
spacing
75
100
3
3
22
30
30
50
50
50
12.5
12.5
75
7.8
75
75
100
100
100
12°
31°
44°
35°
15°
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval Beam
26
30
22
35
50
50
50
50 - 2100mm
91°
42
39
23
30
26
30
22
35
40
43
25
22
12
17.6
15
34
/SC Spring clip fixing
/BSM Bracket Side Mounting
/BEM Bracket End Mounting
25
22
/ABM Adjustable Bracket Mounting
Minimum width of slot detail
A
Fixing Method
Spring Clip
Side Bracket
End Bracket
Adjustable Bracket
38
40
30 > Max 350mA (LD26-350)
45
Min A (mm)
Installation Guide
Max Ambient 35°C
It is recommended to
incorporate air vents into all
slot details to stop ambient
temperatures increasing
too high.
30
If recessing luminaire in a 30mm
slot the maximum current is 350mA
LD36-350.
Min / Max Length
Maintained LED Spacing
Fixing Options
/NB
- Narrow Beam
/MB
- Medium Beam
/WB
- Wide Beam
/OB
- Oval
Beam
12°
31°
48°
36°
12°
50
50
50
DO NOT MOVE AS
THEY ARE LINKED TO
DATA SHEETS
25
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com