Electronic Components Datasheet Search
  English  ▼

X  

LD40 Datasheet(PDF) 1 Page - LightGraphix

Part # LD40
Description   WALL LIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD40 Datasheet(HTML) 1 Page - LightGraphix

  LD40 Datasheet HTML 1Page - LightGraphix LD40 Datasheet HTML 2Page - LightGraphix LD40 Datasheet HTML 3Page - LightGraphix LD40 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LD40
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 4 | Data sheet issued: 17 March 2026
>
Very shallow, only 22mm recess depth required including cable
>
Ideal for shelf lighting or under cabinets
>
93 CRI LED in warm white
>
Range of beam angles
>
Maximum output is 500mA 1.7W due to its small size
>
Minimal bezel thickness
>
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
KEY FEATURES
DIMENSIONS
For fixings and dimensions please go to page 3.
Ø27
Ø27
24
Ø36
Ø36
MINIATURE SHALLOW LED DOWN LIGHT
AND WALL LIGHT
LD40 is a shortened version of our LD42, and has been designed
for use in applications where recess depth is at a minimum.
The optic has been moved further forward and the body length
shrunk to allow for an overall depth of 22mm including cables.
The high-power C1 NICHIA LED and range of optics make this
a very useful, compact light fitting. Applications include shelf
lighting and under kitchen cabinets.
LD40


Similar Part No. - LD40

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD40 AVX-LD40 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
MRV Communications, Inc...
LD400-2AC MRV-LD400-2AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-2DC MRV-LD400-2DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-AC MRV-LD400-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD400-DC MRV-LD400-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
More results

Similar Description - LD40

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
Wall mount
16.08.2023
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
T4WK-F01EU6 ELATEC-T4WK-F01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact Wall Light Multi-frequency RFID reader (LF/HF/NFC) for
11/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com