Electronic Components Datasheet Search
  English  ▼

X  

LD40 Datasheet(PDF) 4 Page - LightGraphix

Part # LD40
Description   WALL LIGHT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD40 Datasheet(HTML) 4 Page - LightGraphix

  LD40 Datasheet HTML 1Page - LightGraphix LD40 Datasheet HTML 2Page - LightGraphix LD40 Datasheet HTML 3Page - LightGraphix LD40 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LD40
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 4 | Data sheet issued: 17 March 2026
LD40
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD40-C1-700 / LW27 / MB / 316 STAINLESS STEEL / 480
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Light Engine & Drive Current
LED Colour
Beam Angle
Fixing
Finish
/
/
/
/
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of LED drivers available. Please see the downloads section of our website.
Super Warm
White (2200K)
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K)
- on request
/LW40
Cool White
(5000K)
/LW50
Blue
/LB
Green
/LG
Red
/LR
Amber
/LA
12°
Narrow
/NB
31°
Medium
/MB
48°
Wide
/WB
12° x 36°
Oval
/OB
316 Stainless Steel
Polished & Passivated
316 Stainless Steel
(for marine environments)
Wet Spray
White
(RAL 9016)
Wet Spray
Black
(RAL 9005)
Wet Spray
Silver Anodised
Wet Spray
Antique Bronze
Wet Spray
Satin Antique Brass
Wet Spray
Satin Brass
Wet Spray
Anthracite Grey
(RAL 7016)
Wet Spray
RAL
/SC
1.2W LED
at 350mA*
LD40-C1-350
1.7W LED
at 500mA*
LD40-C1-500
C1
*AUS/NZ:
Add - AU - suffix to the product code e.g.
LD40-AU-C1-350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com