Electronic Components Datasheet Search
  English  ▼

X  

LD41 Datasheet(PDF) 1 Page - LightGraphix

Part # LD41
Description  WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD41 Datasheet(HTML) 1 Page - LightGraphix

  LD41 Datasheet HTML 1Page - LightGraphix LD41 Datasheet HTML 2Page - LightGraphix LD41 Datasheet HTML 3Page - LightGraphix LD41 Datasheet HTML 4Page - LightGraphix LD41 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD41
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 5 | Data sheet issued: 8 April 2026
>
High-power C1 engine with NICHIA LED, delivering up to 188 lumens and CRI of 90+
>
Minimal bezel and recess depth producing, excellent diffused beam shape from a
range of optics
>
Machined from a solid billet of stainless steel 316, also available in polished &
passivated 316 stainless steel and powder coat paint finishes; White (RAL 9016),
BLack (RAL 9005), Classic Bronze (YM262E), Gunmetal Grey (RAL 7021) or any RAL
colour
>
Can be used as an uplight or wall light and specified with frosted glass for indicator
applications (a wide beam works best for this effect)
>
Fixing options include O-rings and a first fix sleeve or bonding directly into the
mounting surface
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Not designed for permanent submersion, please use our LD242A
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
For detailed fixing dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
41
Ø34
LD41
MINIATURE RECESSED LED UPLIGHT/
WALL LIGHT
Our smallest fitting with a bezel diameter of just 34mm, the
LD41 is a very tough, miniature fitting. It can be run up to 1.7W,
and comes with a choice of beam angles making it suitable for a
wide range of applications.


Similar Part No. - LD41

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD410860 POWEREX-LD410860 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LD411060 POWEREX-LD411060 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LD411260 POWEREX-LD411260 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
logo
Inchange Semiconductor ...
LD411660 ISC-LD411660 Datasheet
281Kb / 2P
Standard Rectifier Diode
logo
Powerex Power Semicondu...
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results

Similar Description - LD41

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
Wall mount
16.08.2023
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
T4WK-F01EU6 ELATEC-T4WK-F01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact Wall Light Multi-frequency RFID reader (LF/HF/NFC) for
11/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com