Electronic Components Datasheet Search
  English  ▼

X  

LD41 Datasheet(PDF) 3 Page - LightGraphix

Part # LD41
Description  WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD41 Datasheet(HTML) 3 Page - LightGraphix

  LD41 Datasheet HTML 1Page - LightGraphix LD41 Datasheet HTML 2Page - LightGraphix LD41 Datasheet HTML 3Page - LightGraphix LD41 Datasheet HTML 4Page - LightGraphix LD41 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD41
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 5 | Data sheet issued: 8 April 2026
Please refer to our finishes guide for full details
AVAILABLE FINISHES
DIMENSIONS AND FIXING ACCESSORIES
Dimensions in mm
/480GT Ground tube
The in-ground tube has been designed for applications where a recessed
uplight is required in soil or gravel terrains. The tube can be buried with
the necessary wiring, and then the fitting installed after the landscaping
work has been completed. It is supplied with the fixing sleeve bonded into
the tube, and can be cut down on site.
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
87%
/480 Fixing Sleeve with ‘O’ rings
41
Cut-Out
Ø32
Ø34
41
Ø27.5
31
1
31
1.8
Ø27.5
Ø34
Ø27.5
31
Ø34
41
1
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
87%
/480 Fixing Sleeve with ‘O’ rings
41
Cut-Out
Ø32
Ø34
41
Ø27.5
31
1
31
1.8
Ø27.5
Ø34
/480 O-rings and sleeve
A more robust and water tight method of
fixing, for in ground applications.
Ø52
Ø34
Ø81
/484GT
In-ground Tube
25
25
25
Ø36.6
Ø50
Ø83.3
200
220
300
0.8
0.8
0.75
/476GT
In-ground Tube
/480GT
In-ground Tube
0.8
200
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
87%
/480 Fixing Sleeve with ‘O’ rings
41
Cut-Out
Ø32
Ø34
41
Ø27.5
31
1
31
1.8
Ø27.5
Ø34
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
87%
/480 Fixing Sleeve with ‘O’ rings
41
Cut-Out
Ø32
Ø34
41
Ø27.5
31
1
31
1.8
Ø27.5
Ø34
Cut-out
Ø32
Ø27.5
31
41
1.8
Ø34
POLISHED & PASSIVATED
316 STAINLESS STEEL
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable
>
Passivated to extensively
prolong resistance to
corrosion and brown
stains caused by oxidation
in marine environments
>
Interior & exterior use
316 STAINLESS STEEL
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable
>
Passivation recommended
for marine environments
to prevent corrosion and
build up of brown stains
caused by oxidation
>
Interior & exterior use
PAINT FINISH - POWDER COAT
>
White (RAL 9016),
Black (RAL 9005),
Classic Bronze (YM262E),
Gunmetal Grey (RAL 7021)
and other RAL colours available
>
Smooth matt texture unless
stated otherwise
>
Not recommended for footlights
in high traffic areas
>
Interior & exterior use



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com