Electronic Components Datasheet Search
  English  ▼

X  

LD43 Datasheet(PDF) 1 Page - LightGraphix

Part # LD43
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43 Datasheet(HTML) 1 Page - LightGraphix

  LD43 Datasheet HTML 1Page - LightGraphix LD43 Datasheet HTML 2Page - LightGraphix LD43 Datasheet HTML 3Page - LightGraphix LD43 Datasheet HTML 4Page - LightGraphix LD43 Datasheet HTML 5Page - LightGraphix LD43 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LD43
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 8 April 2026
For fixing and accessory dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
>
High-power C1 engine with NICHIA LED delivering up to 134lm
>
Miniature fitting with very minimal body depth and bezel diameter
>
Uplight version of our LD42 wall light with a flush glass in-ground walk over bezel
>
Available with a 45% or 70% glare shield accessory
>
Optional 20° Tilt lens angles the light onto the lit surface for a more concentrated effect
>
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel,
Machined Brass, Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005),
Classic Bronze (YM262E), Gunmetal Grey (RAL 7021) and any RAL
>
High efficiency optics produce excellent beam spread and shape
>
LED recessed 10mm within the body for reduced glare
>
Hidden fixing options include spring clips or /480 first fix sleeve with O-rings
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
Ø36
Ø27
35
LD43
LOW GLARE MINIATURE RECESSED
INTERIOR/EXTERIOR LED UPLIGHT
The LD43 fitting is a miniature recessed uplight with a very
minimal depth and small cable, ideal for interior applications,
including bathrooms. Featuring a flush glass and walkover
bezel for in-ground use, the LED and optics are recessed
10mm into the body for low glare. Various glare shield and
Tilt lens options are also available for glare reduction and to
create lit effects to suit individual applications. This includes
aperture reductions of 45% or 70%, with or without an
integral 20° Tilt lens, which focuses the light onto the lit
surface for a concentrated lit effect. For a miniature fitting,
LD43 produces an excellent throw of light when more output
is required. If used with our LD42 wall light, a uniform floor
and wall washing effect can be achieved.
Please note: For exterior in-ground applications please use
the LD41, LD44, LD60, LD43DR, LD56 or LD56T. These have an
integral anti-wicking barrier and thicker cable which is more
suitable for exterior in-ground installations.


Similar Part No. - LD43

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD430850 POWEREX-LD430850 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431050 POWEREX-LD431050 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431250 POWEREX-LD431250 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431450 POWEREX-LD431450 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431650 POWEREX-LD431650 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
More results

Similar Description - LD43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com