Electronic Components Datasheet Search
  English  ▼

X  

LD43 Datasheet(PDF) 3 Page - LightGraphix

Part # LD43
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43 Datasheet(HTML) 3 Page - LightGraphix

  LD43 Datasheet HTML 1Page - LightGraphix LD43 Datasheet HTML 2Page - LightGraphix LD43 Datasheet HTML 3Page - LightGraphix LD43 Datasheet HTML 4Page - LightGraphix LD43 Datasheet HTML 5Page - LightGraphix LD43 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LD43
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 6 | Data sheet issued: 8 April 2026
Please refer to our finishes guide for full details
AVAILABLE FINISHES
DIMENSIONS AND FIXING ACCESSORIES
/480 O-rings and sleeve
Robust, watertight method of fixing for
in-ground applications.
2.4
Cut-Out
32
36
10
27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
/480 Fixing Sleeve with ‘O’ rings
LD43
LD43W
LD43A
2.4
36
27
35
27
Cut-Out
32
/SC Spring Clips
10
27
35
LD43R
LD43AR
10
2.4
Ø36
27
35
Ø27
Cut-out
Ø32
2.4
Cut-Out
32
36
10
27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
/480 Fixing Sleeve with ‘O’ rings
LD43
LD43W
LD43A
2.4
36
27
35
27
Cut-Out
32
/SC Spring Clips
10
27
35
LD43R
LD43AR
10
2.4
Ø36
27
35
Ø27
Cut-out
Ø32
/SC Spring clip fixing
Provide a simple single-fix mounting method.
Dimensions in mm
POLISHED & PASSIVATED
316 STAINLESS STEEL
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable
>
Passivated to extensively
prolong resistance to
corrosion and brown
stains caused by oxidation
in marine environments
>
Interior & exterior use
316 STAINLESS STEEL
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable
>
Passivation recommended
for marine environments
to prevent corrosion and
build up of brown stains
caused by oxidation
>
Interior & exterior use
FLAMED SOLID BRONZE
>
Solid Bronze
>
Hand finished Flamed
Bronze unique to
LightGraphix
>
Extremely durable with
very high corrosion
resistance
>
Please note a natural
dark patination layer
will form after long
term exposure to the
elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
MACHINED BRASS
>
Solid CZ121 Brass
>
Standard machined finish
>
Corrosion resistance rated
fair to excellent
>
Please note a natural
green/brown patination
layer will form after long
term exposure to the
elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
PAINT FINISH - POWDER COAT
>
White (RAL 9016), Black
(RAL 9005), Classic Bronze
(YM262E), Gunmetal Grey
(RAL 7021) Textured Mars
Bronze (SX350F), Textured
Fir Green (RAL 6009),
and other RAL colours
available
>
Smooth matt texture
unless stated otherwise
>
Not recommended for
footlights in high traffic
areas
>
Interior & exterior use
/480GT Ground tube
The in-ground tube has been designed for applications
where a recessed uplighter is required in soil or gravel
terrain. The tube can be buried with the necessary wiring,
and then the fitting installed after the landscaping work
has been completed. It is supplied with the fixing sleeve
bonded into the tube, and can be cut down on site.
/480GT
Ground Tube
25
Ø36.6
200
2.4
2.4
200
Ø37
25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com