Electronic Components Datasheet Search
  English  ▼

X  

LD48 Datasheet(PDF) 1 Page - LightGraphix

Part # LD48
Description  STEP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD48 Datasheet(HTML) 1 Page - LightGraphix

  LD48 Datasheet HTML 1Page - LightGraphix LD48 Datasheet HTML 2Page - LightGraphix LD48 Datasheet HTML 3Page - LightGraphix LD48 Datasheet HTML 4Page - LightGraphix LD48 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD48
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 5 | Data sheet issued: 19 March 2026
>
LED and lens assembly recessed and tilted by 20° within a black anodised body
for reduced glare
>
High quality machined bezel and body
>
Square and round versions available
>
Glass fixed with hidden gasket, so no unsightly glue line
>
No visible fixings. Options include spring fixing clips or O-rings and a first fix sleeve
>
Can be used for external and internal applications
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Range of bezel finish options including stainless steel and paint finishes
>
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
KEY FEATURES
DIMENSIONS
For fixings and dimensions please go to page 3.
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
41
Ø44.4
Cut-Out
Ø51
46
Ø63
14
20°
/477 Fixing Sleeve with ‘O’ rings
2.5
Ø63
36
Ø44.4
Cut-Out
Ø50
46
14
20°
/SC Spring Clips
Cut-out
Ø50
Ø44
Ø63
48.5
LD48
LOW GLARE INTERIOR/EXTERIOR
WALL OR STEP LIGHT
The LD48 has been updated with the latest LED technology and
fitted with our new optics. The lens assembly is recessed and
inclined by 20° for a floor wash illumination with minimal glare.
This is a high-quality fitting with a machined 316 stainless steel
bezel and black anodized body, for interior and exterior use.
It has no visible fixings and the glass is fixed with a hidden
gasket, so no unsightly glue line is visible. A choice of beam
angles and colour temperatures are available. See LD47 for a
version with a square bezel.


Similar Part No. - LD48

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD48 MPD-LD48 Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
Constant Current Output
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
LD48-09-150W MPD-LD48-09-150W Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
Constant Current Output
More results

Similar Description - LD48

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Purdy Electronics Corpo...
AND130CR PURDY-AND130CR Datasheet
45Kb / 2P
GaAlAs Red Light Light Emission
logo
Marl International Limi...
SPL8356 MARL-SPL8356 Datasheet
597Kb / 2P
high intensity Step Light
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
Step Up DC/DC Converter Transformers for Strobe Light
logo
Texas Instruments
LV14360 TI-LV14360 Datasheet
3Mb / 34P
LV14360 60-V, 3-A Step-Down Converter With High Light Load Efficiency
logo
Pepperl+Fuchs Inc.
VAZ-LED-38MM-YE-RD-2M PF-VAZ-LED-38MM-YE-RD-2M Datasheet
368Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-BU PF-VAZ-LED-40MM-CLD-BU Datasheet
532Kb / 2P
Stack light LED permanent light element
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com