Electronic Components Datasheet Search
  English  ▼

X  

LD48 Datasheet(PDF) 3 Page - LightGraphix

Part # LD48
Description  STEP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD48 Datasheet(HTML) 3 Page - LightGraphix

  LD48 Datasheet HTML 1Page - LightGraphix LD48 Datasheet HTML 2Page - LightGraphix LD48 Datasheet HTML 3Page - LightGraphix LD48 Datasheet HTML 4Page - LightGraphix LD48 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD48
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 5 | Data sheet issued: 19 March 2026
LD48
Dimensions in mm
DIMENSIONS & FIXING OPTIONS
/SC Spring clip fixing
Useful for most wall mounted applications
AVAILABLE FINISHES
Please refer to our finishes guide for full details
316 STAINLESS STEEL
POLISHED & PASSIVATED
316 STAINLESS STEEL
FLAMED SOLID BRONZE
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable with very high
corrosion resistance
>
Passivation recommended for marine
environments to prevent corrosion and
build up of brown stains caused by
oxidation
>
Interior & exterior use
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable with very high
corrosion resistance
>
Passivated to extensively prolong
resistance to corrosion and brown
stains caused by oxidation in marine
environments
>
Interior & exterior use
PAINT FINISH - WET SPRAY
>
White (RAL 9016), Black (RAL 9005),
Antique Bronze, Satin Antique Brass,
Satin Brass, Anthracite Grey (7016)
or any RAL colour available
>
Not recommended for footlights in
high traffic areas
>
Interior & exterior use
>
Solid Bronze
>
Hand finished Flamed Bronze unique to
LightGraphix
>
Extremely durable with very high
corrosion resistance.
>
Please note a natural dark patination
layer will form after long term exposure
to the elements, the extent of this
discolouration will be dependant on
its location.
>
Interior & exterior use
/476 O-rings and sleeve
A more robust and water tight method of fixing, for wet areas
Design: Light IQ Project: Private Residence Product: LD47
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
41
Ø44.4
Cut-Out
Ø51
46
Ø63
14
20°
/477 Fixing Sleeve with ‘O’ rings
2.5
Ø63
36
Ø44.4
Cut-Out
Ø50
46
14
20°
/SC Spring Clips
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
41
Ø44.4
Cut-Out
Ø51
46
Ø63
14
20°
/477 Fixing Sleeve with ‘O’ rings
2.5
Ø63
36
Ø44.4
Cut-Out
Ø50
46
14
20°
/SC Spring Clips
46
Cut-out
Ø50
14
Ø44.4
36
20º
2.5
Ø63
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
41
Ø44.4
Cut-Out
Ø51
46
Ø63
14
20°
/477 Fixing Sleeve with ‘O’ rings
2.5
Ø63
36
Ø44.4
Cut-Out
Ø50
46
14
20°
/SC Spring Clips
51
Cut-out
Ø51
Ø44.4
41
20º
2.5
14
Ø63



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com