Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 1 Page - LightGraphix

Part # LD50
Description  LED PATH LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD50 Datasheet(HTML) 1 Page - LightGraphix

  LD50 Datasheet HTML 1Page - LightGraphix LD50 Datasheet HTML 2Page - LightGraphix LD50 Datasheet HTML 3Page - LightGraphix LD50 Datasheet HTML 4Page - LightGraphix LD50 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD50
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 5 | Data sheet issued: 24 March 2026 1:00 pm
KEY FEATURES
DIMENSIONS
>
Low-level, very low glare path light with a wide beam distribtuion
>
Available in a 18° x 37° oval beam and 46° x 80° extra oval beam
>
The extra oval beam features an additional 20° tilt film to focus the wide beam
distribution out onto the pathway
>
Wide beam distribution means less products need to be specified to achieve an
even floor wash
>
Designed with a hidden cable located at the bottom of the ground spike
>
Friction set head is adjustable up to 90° for placement further away from the path
>
Wide range of powder coated finishes including: White (RAL 9016),
Black (RAL 9005), Classic Bronze (YM262E), Gunmetal Grey (RAL 7021),
Textured Mars Bronze, Textured Fir Green (RAL 6009) or any RAL colour
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
For full dimensions please go to page 3.
LOW GLARE ADJUSTABLE EXTERIOR
LED PATH LIGHT
The LD50 low-level path light offers a wide distribution from
a very compact fitting, reducing the number of luminares
required to achieve an even floor wash. With two oval beams
available, the extra oval beam features an additional
20° tilt film to focus the light out onto the pathway,
whilst the head remains horizontal for ultra low glare.
The head can be adjusted up to 90° from horizontal to vertical,
allowing the fitting to be placed further away from the path.
Designed with a hidden cable located at the bottom of its
ground spike, the minimal profile of the LD50 seamlessly
integrates into its surroundings which can be further
enhanced through a wide range of paint finishes.
LD50
Ø12.7
39
680
70


Similar Part No. - LD50

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD50 BANNER-LD50 Datasheet
756Kb / 9P
Laser Contrast Sensor
logo
Won-Top Electronics
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5001 WTE-LD5001 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5002 WTE-LD5002 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5003 WTE-LD5003 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD50

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
Light LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com