Electronic Components Datasheet Search
  English  ▼

X  

LD50 Datasheet(PDF) 4 Page - LightGraphix

Part # LD50
Description  LED PATH LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD50 Datasheet(HTML) 4 Page - LightGraphix

  LD50 Datasheet HTML 1Page - LightGraphix LD50 Datasheet HTML 2Page - LightGraphix LD50 Datasheet HTML 3Page - LightGraphix LD50 Datasheet HTML 4Page - LightGraphix LD50 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LD50
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 5 | Data sheet issued: 24 March 2026 1:00 pm
LIGHT OUTPUT OPTIONS
LD50-OB
The 18° x 37° oval beam offers a wide beam, allowing multiple LD50’s to be
positioned further apart whilst achieving a good even coverage.
LD50-EOB
LD50-OB
LD50-EOB
The 46° x 80° extra oval beam features additional diffusers and a 20° tilt film.
This focuses the light towards the path providing a very wide diffused beam,
allowing multiple LD50’s to be positoned further apart whilst still achieving
a good even coverage.
LD50-EOB
LD50-OB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com