Electronic Components Datasheet Search
  English  ▼

X  

7620006 Datasheet(PDF) 2 Page - Clarke International

Part # 7620006
Description  TELESCOPIC BOTTLE JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

7620006 Datasheet(HTML) 2 Page - Clarke International

  7620006 Datasheet HTML 1Page - Clarke International 7620006 Datasheet HTML 2Page - Clarke International 7620006 Datasheet HTML 3Page - Clarke International 7620006 Datasheet HTML 4Page - Clarke International 7620006 Datasheet HTML 5Page - Clarke International 7620006 Datasheet HTML 6Page - Clarke International 7620006 Datasheet HTML 7Page - Clarke International 7620006 Datasheet HTML 8Page - Clarke International 7620006 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Bottle Jack.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service. Keep these instructions for future
reference.
MODEL SPECIFICATIONS
CBJ2B CBJ3B CBJ5B CBJ8B CBJ10B CBJ12B CBJ15B CBJ20B
Rated Load
(tonnes)
235810
12
15
20
Min Height
of saddle
(mm)
140
168
185
190
195
200
205
217
Max Height
of saddle
(mm)
260
326
355
365
375
380
390
407
Oil capacity 0.65L
0.13L
0.175L 0.22L
0.255L
0.3L
0.34L
0.44L
Dimensions
(L x W x H)
mm
89 x
95 x
135
92 x
100 x
180
96 x
110 x
185
103 x
118 x
190
110 x
123 x
195
116 x
136 x
200
133 x
136 x
205
144 x
150 x
217
Handle
length (mm)
368
457
457
457
457
496
496
495
Weight
(kg)
2.4
3.1
4.1
4.9
5.7
6.6
7.7
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com