| Electronic Components Datasheet Search |
|
7620006 Datasheet(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
7620006 Datasheet(HTML) 3 Page - Clarke International |
|
3 / 12 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SAFETY PRECAUTIONS 1. Do not exceed the rated capacity of the jack. 2. Do not allow personnel to operate the jack unless they have read these safety precautions. 3. Do not operate the jack if damaged. 4. Use the jack in a suitable, well lit work area. 5. Keep the work area clean and tidy and free from unrelated items. 6. Only use the jack on firm, level and solid ground, preferably concrete. Avoid soft/unmade ground as the jack may sink in. or move. 7. Ensure non-essential persons keep a safe distance whilst the jack is in use. 8. Ensure there are no personnel or obstructions under the vehicle before lowering. 9. Do not work under the vehicle until it is fully supported by axle stands. 10. Keep hands etc clear of the vehicle until lifting is complete. 11. Ensure that you can see the saddle and jacking point throughout the jacking operation in case there is any relative movement. 12. Always ensure that the jack saddle is centred and stable on the lifting point before lifting and position the jack to avoid operating it from under the vehicle. 13. Check the vehicle weight and recommended lifting points by referring to the vehicle owners manual. Ensure the lifting point is not corroded. 14. Never tamper with the jack or modify it in any way, as this could prove to be dangerous and will invalidate the guarantee. Only use the jack for the purpose for which it is intended. 15. Use appropriate safety equipment, such as protective footwear, when using this jack. 16. Ensure that the jack is properly maintained and lubricated at all times, and that no corrosion is allowed to weaken any part of it. 17. If the jack has been subjected to an abnormal load or shock, it should be removed from service immediately and fully inspected by qualified personnel, and passed as serviceable, before being used again. 18. When not in use, store the jack, fully lowered, in a safe, dry, childproof area. 19. Always inspect the jack before use. Ensure that all parts are in good condition and operating smoothly, and that no cracks or distortion is apparent. If in doubt do not use. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |