Electronic Components Datasheet Search
  English  ▼

X  

DIO6012B Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012B
Description  High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6012B Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6012B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DIO6012B
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6012B• Rev. 1.4
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best
performance, it is recommended to use X5R or better grade ceramic capacitor with 6V rating and greater than
40µF capacitance.
Output inductor L:
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to
be about 40% of the maximum output current. The inductance is calculated as:
L=
%
40
)
/
1
(
,
,
MAX
OUT
SW
MAX
IN
OUT
OUT
I
F
V
V
V
where Fsw is the switching frequency and IOUT,MAX is the maximum load current. The DIO6012B regulator IC
is quite tolerant of different ripple current amplitude. Consequently, the final choice of inductance can be
slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN>IOUT,MAX +
L
F
V
V
V
SW
MAX
IN
OUT
OUT
2
)
/
1
(
,
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR<50mΩ to achieve a good overall
efficiency.
Enable Operation
Pulling the EN pin low (<0.4V) will shut down the device. During shut down mode, the DIO6012B shutdown
current drops to lower than 0.1µA. Driving the EN pin high (>1.2V) will turn on the IC again.
Load Transient Considerations: The DIO6012B regulator IC integrates the compensation components to
achieve good stability and fast transient responses. In some applications, adding a 22pF ceramic cap in
parallel with R1 may further speed up the load transient responses and is thus recommended for applications
with large load transient step requirements.
Layout Design:
The layout design of DIO6012B regulator is relatively simple. For the best efficiency and minimum noise
problems, we should place the following components close to the IC: CIN, L, R1 and R2.
1) It is desirable to maximize the PCB copper area connecting to GND pin to achieve the best thermal and
noise performance. If the board space allowed, a ground plane is highly desirable.
2) CIN must be close to Pins IN and GND. The loop area formed by CIN and GND must be minimized.
3) The PCB copper area associated with LX pin must be minimized to avoid the potential noise problem.
4) The components R1 and R2, and the trace connecting to the FB pin must NOT be adjacent to the LX net on
the PCB layout to avoid the noise problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com