Electronic Components Datasheet Search
  English  ▼

X  

DIO6012B Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012B
Description  High-Efficiency 1MHz, 2A Continuous, 3A Peak, OutputSynchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6012B Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6012B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6012B Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DIO6012B
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6012B• Rev. 1.4
5) If the system chip interfacing with the EN pin has a high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull down 1MΩ
resistor between the EN and GND pins to prevent the noise from falsely turning on the regulator at shutdown
mode.
Output voltage ripple test
A proper output ripple measurement should be done according to Figure 5 setup. Output voltage ripple should
be measured across the output ceramic cap near the IC.
1. Remove the ground clip and head of the probe. Wind thin wires around the ground ring of the probe. Solder
the end of the ground ring wire to the negative node of the COUT. Touch the probe tip to the positive node of the
COUT.(Refer to Figure.5).
2. Minimize the loop formed by COUT terminals, probe tip and ground ring.
3. Change the probing direction to decouple the electromagnetic noise generated from the nearby buck
inductor. (Refer to Figure.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com