Electronic Components Datasheet Search
  English  ▼

X  

DIO6013 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6013
Description  High-Efficiency 1MHz, 3A Output Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6013 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6013 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.5
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6013• Rev. 1.5
DIO6013
High-Efficiency 1MHz, 3A Output Synchronous Step Down
Converter
Features
Low RDS(ON) for internal switches (top/bottom)
100mΩ/70mΩ, 3A
2.7-5.5V input voltage range
1MHz switching frequency minimizes the
external components
Internal soft start limits the inrush current
100% dropout operation
RoHS Compliant and Halogen Free
No latch off output voltage protection
Compact and thermally enhanced SOIC8
package with exposed paddle
Applications
LCD TV
Set Top Box
Net PC
Mini-Notebook PC
Access Point Router
Descriptions
The
DIO6013
is
a
high-efficiency
1MHz
synchronous
step-down
DC-DC
regulator
IC
capable of delivering up to 3A output current.
The DIO6013 operates over a wide input voltage
ranging from 2.7V to 5.5V and integrate main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss. Low
output voltage ripple and small external inductor
and capacitor sizes are achieved with 1MHz
switching frequency.
Function Block
PWM Control &
Protect Logic
Input UVLO
2.9V
Internal
Power
LX
GND
Current Sense
Thermal
Protection
1.5V
0.6V
EN
FB
0.54V
PG
VIN
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO6013XS8
DIO6013
RoHS
-40 to 85°C
EP-SOIC8
Tape & Reel, 2500


Similar Part No. - DIO6013

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO6010 DIOO-DIO6010 Datasheet
734Kb / 12P
High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
Rev 1.6
DIO6010CD6 DIOO-DIO6010CD6 Datasheet
734Kb / 12P
High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
Rev 1.6
DIO6010CST5 DIOO-DIO6010CST5 Datasheet
734Kb / 12P
High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
Rev 1.6
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
DIO6011CD6 ETC1-DIO6011CD6 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results

Similar Description - DIO6013

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com