Electronic Components Datasheet Search
  English  ▼

X  

DIO6013 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6013
Description  High-Efficiency 1MHz, 3A Output Synchronous Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6013 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6013 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6013 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DIO6013
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6013• Rev. 1.5
CONTACT US
Dioo is a professional design and sales corporation for high-quality and performance analog semiconductors. The company focuses on
industry markets, such as, cell phone, handheld products, laptop, and medical equipment and so on. Dioo’s product families include
analog signal processing and amplifying, LED drivers and charger IC. Go to http://www.dioo.com for a complete list of Dioo product
families.
For additional product information, or full datasheet, please contact with our Sales Department or Representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com