Electronic Components Datasheet Search
  English  ▼

X  

AN929 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN929
Description  Temperature Measurement Circuits for Embedded Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN929 Datasheet(HTML) 3 Page - Microchip Technology

  AN929 Datasheet HTML 1Page - Microchip Technology AN929 Datasheet HTML 2Page - Microchip Technology AN929 Datasheet HTML 3Page - Microchip Technology AN929 Datasheet HTML 4Page - Microchip Technology AN929 Datasheet HTML 5Page - Microchip Technology AN929 Datasheet HTML 6Page - Microchip Technology AN929 Datasheet HTML 7Page - Microchip Technology AN929 Datasheet HTML 8Page - Microchip Technology AN929 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2004 Microchip Technology Inc.
DS00929A-page 3
AN929
Ramp Rate Method
The resistor-capacitor (RC) ramp rate method shown in
Figure 5 provides a simple solution for resistive
sensors, such as thermistors. This method provides a
low-cost solution with an accuracy of approximately
±1%. When voltage is applied to a RC combination, the
capacitor’s voltage will increase exponentially and the
ramping time can be measured with a comparator. The
accuracy of the RC timing method can be improved by
comparing the ramp rates of a sensor resistor (RSensor)
and a known resistance (RREF) to reduce the effects of
temperature and component tolerance.
The RC timing method can be implemented using the
circuitry inside a microcontroller. The timing measure-
ment begins by configuring the GP1 pin as a logic ‘1’
output and GP2 as an input. This connects RSENSOR to
a logic-high voltage (VOH ≅ VDD), while RREF is discon-
nected from the circuit via the high impedance of an
input pin. The I/O pin AN0 is configured as an input and
connects the capacitor to a comparator inside the
microcontroller. The time required for the capacitor
voltage to ramp-up to the reference voltage of the
comparator (VTH ≅ VREF) can be determined through
either a hardware or software timer. Once the measure-
ment is completed, the GP1 pin is toggled to a logic ‘0’
output to discharge the capacitor. The configuration
procedure of GP1 and GP2 is then reversed in order to
measure RREF.
FIGURE 5:
Ramp Rate Method.
Duty Cycle Output
Silicon IC sensors that provide an output proportional
to the duty cycle of a digital signal are available, as
shown in Figure 6. These sensors typically have a
constant “on” time (t1) and a variable “off” time (t2).
However, it is often necessary to calculate the t1-to-t2
ratio in order to achieve the specified sensor accuracy.
It is possible to have a duty cycle output with a thermo-
couple, RTD or thermistor. However, the circuit is
relatively complex when compared to other signal
conditioning options.
FIGURE 6:
Duty Cycle Output.
VREF
Comparator
Input
Output
Input
Output
C
RREF
RSensor
AN0
GP1
GP2
PIC16C5X
t = 0
t = t1
t = t2
Voltage (V)
Time (t)
VTH
RREF
RSensor
V
c t
()
V
DD 1e
t
–
RC
--------
–



=
tRC In 1
V
TH
V
DD
-----------
–


–
=
R
Sensor
t
2
t
1
-----


R
REF
=
t1
t2
Temp.
∝ t
1 / t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com