Electronic Components Datasheet Search
  English  ▼

X  

AN929 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN929
Description  Temperature Measurement Circuits for Embedded Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN929 Datasheet(HTML) 1 Page - Microchip Technology

  AN929 Datasheet HTML 1Page - Microchip Technology AN929 Datasheet HTML 2Page - Microchip Technology AN929 Datasheet HTML 3Page - Microchip Technology AN929 Datasheet HTML 4Page - Microchip Technology AN929 Datasheet HTML 5Page - Microchip Technology AN929 Datasheet HTML 6Page - Microchip Technology AN929 Datasheet HTML 7Page - Microchip Technology AN929 Datasheet HTML 8Page - Microchip Technology AN929 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS00929A-page 1
AN929
INTRODUCTION
This application note shows how to select a tempera-
ture sensor and conditioning circuit to maximize the
measurement accuracy and simplify the interface to the
microcontroller.
Practical
circuits
and
interface
techniques will be provided for embedded applications
with thermocouples, Resistive Temperature Detectors
(RTDs), thermistors and silicon integrated circuit
temperature sensors. The attributes of each tempera-
ture sensor and the advantages of analog, frequency,
ramp rate, duty cycle, serial and logic output solutions
will be discussed. An analog output thermocouple
circuit will be compared with a frequency output RTD
oscillator circuit, along with design examples using
serial and analog output silicon Integrated Circuit (IC)
sensors. In addition, a Programmable Gain Amplifier
(PGA) circuit will be shown that can increase the
effectiveness of the Analog-to-Digital Converter (ADC)
bit resolution of a non-linear thermistor sensor.
DEFINITIONS
The following terms are used in this application note:
• Accuracy is the difference between the true and
measured temperature
• Common Mode Rejection Ratio (CMRR) is
defined as the ability of the amplifier to reject a
signal which is common to both inputs
• Input Offset Voltage (VOS) is the voltage that must
be applied to an amplifier to produce a zero volt
output
• Local sensors are located on the same PCB as
the microcontroller
• Precision is the ability to measure a small
temperature gradient and determines the
interchangeability of the sensor
• Remote sensors are located at a distance from
the microcontroller’s PCB
• Repeatability is the sensor’s ability to reproduce
previously measured values
• Stability is defined as the long-term drift of the
sensor over a period of time
SENSOR-TO-MICROCONTROLLER
INTERFACE OPTIONS
The sensor interface option is selected by evaluating
the complexity of the sensor circuitry, in addition to the
required hardware and software trade-offs of the micro-
controller. The available sensor interface options that
are proportional to temperature include:
•Analog
• Frequency
• Ramp Rate
• Duty Cycle
• Serial Output
• Logic Output
Analog Output
Thermocouples, RTDs and thermistors can be inter-
faced to an amplifier circuit to provide a voltage which
is proportional to temperature. Analog output silicon
sensors are available that integrate the sensor and the
signal conditioning circuit. Figure 1 shows a block
diagram of a typical analog interface circuit.
FIGURE 1:
Block Diagram of an Analog Output Sensor.
Author:
Jim Lepkowski
Microchip Technology Inc.
Temperature
Sensor
EMI / ESD
Filter*
Amplifier
Anti-
ADC
Aliasing
Filter
PICmicro®
MCU
*Required only for remote sensors
Temperature Measurement Circuits for
Embedded Applications


Similar Part No. - AN929

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
AN920031 ZFSWITCHES-AN920031 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
logo
Cherry Semiconductor Co...
AN920032 CHERRY-AN920032 Datasheet
281Kb / 2P
WIRED VERSION AN8 Series
logo
ZF Friedrichshafen AG
AN920032 ZFSWITCHES-AN920032 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
AN920035 ZFSWITCHES-AN920035 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
AN920036 ZFSWITCHES-AN920036 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
More results

Similar Description - AN929

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57351V5103H060 EPCOS-B57351V5103H060 Datasheet
455Kb / 19P
NTC thermistors for temperature measurement
B57020M2 EPCOS-B57020M2 Datasheet
196Kb / 9P
NTC thermistors for temperature measurement
B57703M EPCOS-B57703M Datasheet
205Kb / 10P
NTC thermistors for temperature measurement
B58100 EPCOS-B58100 Datasheet
202Kb / 9P
NTC thermistors for temperature measurement
B57150K1242J000 EPCOS-B57150K1242J000 Datasheet
244Kb / 12P
NTC thermistors for temperature measurement
B58100A0461A000 EPCOS-B58100A0461A000 Datasheet
207Kb / 9P
NTC thermistors for temperature measurement
B57867S EPCOS-B57867S Datasheet
257Kb / 15P
NTC thermistors for temperature measurement
B57891M333K EPCOS-B57891M333K Datasheet
546Kb / 28P
NTC thermistors for temperature measurement
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
For Contactless Temperature Measurement
logo
Nordic Semiconductor
NRF-PPK2 NORDIC-NRF-PPK2 Datasheet
1Mb / 2P
Current measurement tool for embedded development
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com