Electronic Components Datasheet Search
  English  ▼

X  

C2471 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C2471
Description  RDFC Controllers for Offline Applications up to 6 W
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2471 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C2471 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2471 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
C2471
Datasheet
RDFC Controllers for Offline Applications up to 6 W
Product data
Page 3 of 18
DS-1639-0805
© Cambridge Semiconductor Ltd 2008
02-May-2008
TYPICAL APPLICATION CIRCUIT
The C2471 controllers are intended primarily for single input voltage AC/DC applications, such as
replacement of line frequency linear transformer power supplies. These versatile controllers support a wide
range of applications at low cost. A typical circuit configuration is shown in Figure 3.
+
+
R2
Rcs
VDD
GND
CS
AUX
COL
BAS
Q1
Cp
Ccol
+
-
+
Cin1
Cin2
Rht2
Cdd
Rdd
Raux
Caux
Daux
Lfilt
Csnub
Rsnub
Dout
Cout
0V
HT
Dbridge
Fuse
Vauxs
RDFC
Controller IC
Rfuse
Dcol1
Rcol
Dcol2
Figure 3: Typical Low Power RDFC Application Schematic
Typical Cordless Phone Adapters Using C2471
The RDFC topology and CamSemi’s C2471 controller deliver class-leading performance in cordless phone
charger applications up to 6 W. Here are two examples of what can be typically achieved.
Input
110 Vac
230 Vac
Rated power
6 W
3 W
Output
9 Vdc, 660 mA
9 Vdc, 330 mA
Transformer core
E13
Average efficiency
80 %
No-load power input
150 mW
EMI compliance
EN 55022 and FCC part 68 (TIA-968-A)
Note: The C2471 controller is rated for applications up to 6 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com