Electronic Components Datasheet Search
  English  ▼

X  

MAX4580 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4580
Description  1.25Ω, Dual SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4580 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4580 Datasheet HTML 1Page - Maxim Integrated Products MAX4580 Datasheet HTML 2Page - Maxim Integrated Products MAX4580 Datasheet HTML 3Page - Maxim Integrated Products MAX4580 Datasheet HTML 4Page - Maxim Integrated Products MAX4580 Datasheet HTML 5Page - Maxim Integrated Products MAX4580 Datasheet HTML 6Page - Maxim Integrated Products MAX4580 Datasheet HTML 7Page - Maxim Integrated Products MAX4580 Datasheet HTML 8Page - Maxim Integrated Products MAX4580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4580/MAX4590/MAX4600 dual analog switches
feature low on-resistance of 1.25
Ω max. On-resistance is
matched between switches to 0.25
Ω max and is flat
(0.3
Ω max) over the specified signal range. Each switch
can handle Rail-to-Rail® analog signals. The off-leakage
current is only 2.5nA max at +85°C. These analog
switches are ideal in low-distortion applications and are
the preferred solution over mechanical relays in automat-
ic test equipment or applications where current switching
is required. They have low power requirements, require
less board space, and are more reliable than mechanical
relays.
The MAX4580 has two NC (normally closed) switches,
the MAX4590 has two NO (normally open) switches,
and the MAX4600 has one NC (normally closed) and
one NO (normally open) switch.
These switches operate from a +4.5V to +36V single
supply or from ±4.5V to ±20V dual supplies. All digital
inputs have +0.8V and +2.4V logic thresholds, ensuring
TTL/CMOS-logic compatibility when using a +12V sin-
gle supply or ±15V dual supplies.
Applications
Reed Relay Replacement
Test Equipment
Communication Systems
PBX, PABX Systems
Features
o Low On-Resistance (1.25Ω max)
o Guaranteed RON Match Between Channels
(0.25
Ω max)
o Guaranteed RON Flatness Over Specified
Signal Range (0.3
Ω max)
o Rail-to-Rail Signal Handling
o Guaranteed ESD Protection >2kV per
Method 3015.7
o Single-Supply Operation: +4.5V to +36V
Dual-Supply Operation: ±4.5V to ±20V
o TTL/CMOS-Compatible Control Inputs
1.25
Ω, Dual SPST,
CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
N.C. = NOT INTERNALLY CONNECTED
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC1
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NC2
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4580
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N01
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NO2
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4590
LOGIC
SWITCH
0
1
OFF
ON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N01
N.C.
COM1
V+
V-
N.C.
IN1
N.C.
VL
COM2
N.C.
NC1
N.C.
IN2
N.C.
GND
SSOP/SO/DIP
MAX4600
LOGIC
SWITCH 1
0
1
OFF
ON
SWITCH 2
ON
OFF
19-1394; Rev 1; 6/03
PART
MAX4580CAE
MAX4580CWE
MAX4580CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 SSOP
16 Wide SO
16 Plastic DIP
Ordering Information continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information
MAX4580EAE
-40°C to +85°C
16 SSOP
MAX4580EWE
-40°C to +85°C
16 Wide SO
MAX4580EPE
-40°C to +85°C
16 Plastic DIP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580CAE MAXIM-MAX4580CAE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580CPE MAXIM-MAX4580CPE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580CWE MAXIM-MAX4580CWE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4580

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com