Electronic Components Datasheet Search
  English  ▼

X  

MAX4580 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4580
Description  1.25Ω, Dual SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4580 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4580 Datasheet HTML 2Page - Maxim Integrated Products MAX4580 Datasheet HTML 3Page - Maxim Integrated Products MAX4580 Datasheet HTML 4Page - Maxim Integrated Products MAX4580 Datasheet HTML 5Page - Maxim Integrated Products MAX4580 Datasheet HTML 6Page - Maxim Integrated Products MAX4580 Datasheet HTML 7Page - Maxim Integrated Products MAX4580 Datasheet HTML 8Page - Maxim Integrated Products MAX4580 Datasheet HTML 9Page - Maxim Integrated Products MAX4580 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
1.25
Ω, Dual SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
11
10
8
9
2
3
4
5
6
7
1
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
0
012
V+ = +12V
V- = GND
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.001
0.01
0.1
1
100
10
1000
-40
0
20
-20
40
60
80
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
I+
I-
10,000
0.001
0.1
0.01
1
10
-40
0
20
-20
40
60
80
100
ON/OFF-LEAKAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
ON-LEAKAGE
V+ = +15V
V- = -15V
OFF-LEAKAGE
-500
-300
0
200
400
-400
-100
100
300
500
-15
-5
0
-10
5
15
CHARGE INJECTION
vs. VCOM
VCOM (V)
10
-200
V+ = +15V
V- = -15V
V+ = +15V
V- = 0
0
-100
0.01
1
10
0.1
100
FREQUENCY RESPONSE
-80
MAX4580 TOC 08
FREQUENCY (MHz)
-60
-40
-20
-90
-70
-50
-30
-10
+180
-720
-540
-360
-180
0
-630
-450
-270
-90
+90
V+, V- = 15V
INPUT = 0dBm
50
Ω IN AND OUT
OFF-ISOLATION
ON-PHASE
ON-RESPONSE
50
100
200
150
250
300
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
VCOM = +10V
RL = 100
Ω
CL = 35pF
V+ = +15V
V- = -15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com