Electronic Components Datasheet Search
  English  ▼

X  

UPC358 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC358
Description  Single Power Supply Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC358 Datasheet HTML 1Page - Renesas Technology Corp UPC358 Datasheet HTML 2Page - Renesas Technology Corp UPC358 Datasheet HTML 3Page - Renesas Technology Corp UPC358 Datasheet HTML 4Page - Renesas Technology Corp UPC358 Datasheet HTML 5Page - Renesas Technology Corp UPC358 Datasheet HTML 6Page - Renesas Technology Corp UPC358 Datasheet HTML 7Page - Renesas Technology Corp UPC358 Datasheet HTML 8Page - Renesas Technology Corp UPC358 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UPC1251, UPC358
R03DS0144EJ0200 Rev.2.00
Page 4 of 11
Feb.18.25
ELECTRICAL CHARACTERISTICS
UPC1251, UPC358 (TA = 25 °C, V + = +5 V, V - = GND)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±2
±7
mV
RS = 0 Ω
Input Offset Current
IIO
±5
±50
nA
Input Bias Current Note 6
IB
14
250
nA
Large Signal Voltage Gain
AV
25000
100000
RL ≥ 2 kΩ
Circuit Current Note 7
ICC
0.7
1.2
mA
RL = ∞, IO = 0 A
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
0
V + -1.5
V
RL = 2 kΩ (Connected to
GND)
Common Mode Input Voltage Range
VICM
0
V + -1.5
V
Output Source Current
IO SOURCE
20
40
mA
VIN (+) = +1 V, VIN (-) = 0 V
Output Sink Current
IO SINK1
10
20
mA
VIN (-) = +1 V, VIN (+) = 0 V
IO SINK2
12
50
μA
VIN (-) = +1 V, VIN (+) = 0 V,
VO = 200 mV
Channel Separation
120
dB
f = 1 ~ 20 kHz
UPC1251 (5), UPC358 (5) (TA = 25 °C, V + = +5 V, V - = GND)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±2
±3
mV
RS = 0 Ω
Input Offset Current
IIO
±5
±50
nA
Input Bias Current Note 6
IB
14
60
nA
Large Signal Voltage Gain
AV
50000
100000
RL ≥ 2 kΩ
Circuit Current Note7
ICC
0.7
0.9
mA
RL = ∞, IO = 0 A
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
0
V + -1.5
V
RL = 2 kΩ (Connected to
GND)
Common Mode Input Voltage Range
VICM
0
V + -1.4
V
Output Source Current
IO SOURCE
30
40
mA
VIN (+) = +1 V, VIN (-) = 0 V
Output Sink Current
IO SINK1
15
20
mA
VIN (-) = +1 V, VIN (+) = 0 V
IO SINK2
30
50
70
μA
VIN (-) = +1 V, VIN (+) = 0 V,
VO = 200 mV
Channel Separation
120
dB
f = 1 ~ 20 kHz
【
Note】 6. The absolute value of the input bias current is small, thus the direction of the current flowing from the inside
of the IC may be reversed due to variations in the product during high temperature.
7. This is a current that flows in the internal circuit. This current will flow irrespective of the channel used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com