Electronic Components Datasheet Search
  English  ▼

X  

UPC358 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC358
Description  Single Power Supply Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC358 Datasheet HTML 4Page - Renesas Technology Corp UPC358 Datasheet HTML 5Page - Renesas Technology Corp UPC358 Datasheet HTML 6Page - Renesas Technology Corp UPC358 Datasheet HTML 7Page - Renesas Technology Corp UPC358 Datasheet HTML 8Page - Renesas Technology Corp UPC358 Datasheet HTML 9Page - Renesas Technology Corp UPC358 Datasheet HTML 10Page - Renesas Technology Corp UPC358 Datasheet HTML 11Page - Renesas Technology Corp UPC358 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UPC1251, UPC358
R03DS0144EJ0200 Rev.2.00
Page 8 of 11
Feb.18.25
USE WITH PRECAUTIONS
• The process of unused circuits
If there is an unused circuit, the following connection is recommended.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, it may cause degradation of
characteristics or damages, by a conduction of a parasitic diode within an IC. In addition, when the input pin may be
lower than V−, or the output pin may exceed the power supply voltage, it is recommended to make a clump circuit by
a diode whose forward voltage is low (e.g.: Schottky diode) for protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input
voltage is as follows.
VICM (TYP.): V− to V+ − 1.5 (V) (TA = 25°C).
During designing, do include some tolerance by considering temperature characteristics and etc.
• •Maximum output voltage
The range of the TYP. value of the maximum output voltage when the supply voltage does not meet the condition
of electrical characteristics is as follows:
Vom+ (TYP.): V+ − 1.5 [V] (TA = 25°C),
Vom− (TYP.) (IO SINK ≤ 50
μA): Approx. V− (V) (TA = 25°C)
During designing, include some tolerance such as characteristics variation and temperature characteristics
consideration and so forth. In addition, also note that the output voltage range (Vom+ − Vom−) will become narrow when
an output current increases.
• Operation of output
This IC output level consist of a class C push-pull. Therefore, when a load resistance is connected to the
midpoint potential of V+, V−, a crossover distortion occurs at the transition state of output current flow direction
(source, sink).
• Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuates due to
piezoelectric effect. Therefore, pay attention to warpage or bending of a board.
Process example of unused circuits
To potentials within
the range of
common-mode input
voltage (VICM)
Remark A midpoint potential of V+ and V- is applied to this example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com