Electronic Components Datasheet Search
  English  ▼

X  

UPC835 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC835
Description  Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC835 Datasheet HTML 1Page - Renesas Technology Corp UPC835 Datasheet HTML 2Page - Renesas Technology Corp UPC835 Datasheet HTML 3Page - Renesas Technology Corp UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UPC835
R03DS0186EJ0100 Rev.1.00
Page 3 of 8
Mar.10.25
ELECTRICAL CHARACTERISTICS (TA = 25 °C, V± = ±15 V, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±1.5
±3
mV
RS ≤ 50 Ω
Input Offset Current
IIO
±25
±100
pA
Input Bias Current Note7
IB
50
200
pA
Large Signal Voltage Gain
AV
25000
200000
RL ≥ 2 kΩ, VO = ±10 V
Circuit Current Note8
ICC
1.4
2.2
mA
IO = 0 A
Common Mode Rejection Ratio
CMR
70
80
dB
Supply Voltage Rejection Ratio
SVR
70
85
dB
Output Voltage Swing
Vom
±12
+14.0
-13.3
V
RL ≥ 10 kΩ
Output Voltage Swing
Vom
±10
+13.5
-12.8
V
RL ≥ 2 kΩ
Common Model Input Voltage
Range
VICM
+11.7
-11.0
+15
-12
V
Slew Rate
SR
5.5
V/μs
AV = 1
Unity Gain Frequency
funity
2.8
MHz
Input Equivalent Noise Voltage
Density
en
25
nV/ Hz
RS = 100 Ω, f = 1 kHz
Channel Separation
120
dB
Average VIO Temperature Drift
Δ
VIO/ΔT
±7
μV/°C
TA = -20 ~ +70 °C
【
Note】7. Input bias currents flow into IC, because each currents are base current to Pch J-FET on input stage.When TJ
= 25°C or more, this figure exponentially grows along with a rise of temperature.
8. This current flows irrespective of the existence of use.
Caution Special attention is required for insulation between pins on a board, since the UPC835 has a high-input
impedance characteristic..



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com