Electronic Components Datasheet Search
  English  ▼

X  

UPC835 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC835
Description  Low Power, High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC835 Datasheet HTML 1Page - Renesas Technology Corp UPC835 Datasheet HTML 2Page - Renesas Technology Corp UPC835 Datasheet HTML 3Page - Renesas Technology Corp UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0186EJ0100 Rev.1.00
Page 1 of 8
Mar.10.25
Datasheet
UPC835
Low Power, High Stability, Low Offset Voltage
J-FET Input Dual Operational Amplifier
DESCRIPTION
The UPC835 is the higher version of UPC832 and 4062, the J-FET input operational amplifiers, in stability and
accuracy. The UPC835 is a J-FET input dual operational amplifier which realizes both low power consumption
and high stability, by adopting a high speed PNP transistor of fT = 300 MHz on its output stage.
In addition, despite its J-FET input, the UPC835 realizes low offset voltage characteristics that eclipses
conventional general operational amplifiers, by using a resistance trimming system, the proven method for our
high accuracy operational amplifier and high accuracy reference voltage.
The UPC835 is ideal for use in measurement instruments and control instruments, which especially requires
the stability during capacitive load connections.
FEATURES
• Input Offset Voltage
±3 mV MAX.
• Slew Rate
5.5 V/μs (TYP.)
• Unity Gain Frequency
2.8 MHz (TYP.)
• Low Power
ICC ≤ 2.2 mA MAX.
(Reduces circuit currents while maintaining relatively high slew rate and bandwidth)
• High stability is secured to capacitive loads
(Capacitive Load at 4000 pF, AV = +1 )
• Built-In Phase Compensation Circuit
• Small package
The whole size of the package is downsized by 30 to 40% compared with a standard SOP contour,
by using a TSSOP (3 x 3 mm2 body) package
ORDERING INFORMATION
Order Name
Package
Packing Type
UPC835MN-KAA-E1-AT Note
8-pin plastic TSSOP ( 3 x 3 )
· 12mm wide embossed taping
· Pin 1 at draw-out side
· 4000 p/reel
UPC835MN-KAA-E2-AT Note
8-pin plastic TSSOP ( 3 x 3 )
· 12mm wide embossed taping
· Pin 1 at reel side
·4000 p/reel
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)


Similar Part No. - UPC835

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC835 RENESAS-UPC835 Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E1-AT RENESAS-UPC835MN-KAA-E1-AT Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E2-AT RENESAS-UPC835MN-KAA-E2-AT Datasheet
289Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC835

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com