Electronic Components Datasheet Search
  English  ▼

X  

UPC844 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC844
Description  Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC844 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC844 Datasheet HTML 1Page - Renesas Technology Corp UPC844 Datasheet HTML 2Page - Renesas Technology Corp UPC844 Datasheet HTML 3Page - Renesas Technology Corp UPC844 Datasheet HTML 4Page - Renesas Technology Corp UPC844 Datasheet HTML 5Page - Renesas Technology Corp UPC844 Datasheet HTML 6Page - Renesas Technology Corp UPC844 Datasheet HTML 7Page - Renesas Technology Corp UPC844 Datasheet HTML 8Page - Renesas Technology Corp UPC844 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UPC844, UPC4744
R03DS0137EJ0200 Rev.2.00
Page 5 of 10
Feb.14.25
0
50
100
150
200
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
IB vs. TA
V ± = ±15 V
0
10
20
30
1k
10k
100k
1M
10M
Frequency, f [Hz]
VO vs. f
V ± = ±15 V
RL = 2 kΩ
V ± = ±15 V
V ± = ±15 V
V ± = ±2.5 V
V ± = ±2.5 V
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k
100k
1M
10M
Frequency, f [Hz]
AV, φ vs. f
RL = 2 kΩ
φ
AV
During Rise Time
During Fall Time
0
2
4
6
8
10
12
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
SR vs. TA
V ± = ±15 V
VO = ±1 V
RL = 2 kΩ
0
1
2
3
0
1
2
3
4
Time, t [μs]
Pulse Response
0
1
2
3
RL = 2 kΩ
V + = +5 V
V - = GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com