Electronic Components Datasheet Search
  English  ▼

X  

UPC844 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC844
Description  Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC844 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC844 Datasheet HTML 2Page - Renesas Technology Corp UPC844 Datasheet HTML 3Page - Renesas Technology Corp UPC844 Datasheet HTML 4Page - Renesas Technology Corp UPC844 Datasheet HTML 5Page - Renesas Technology Corp UPC844 Datasheet HTML 6Page - Renesas Technology Corp UPC844 Datasheet HTML 7Page - Renesas Technology Corp UPC844 Datasheet HTML 8Page - Renesas Technology Corp UPC844 Datasheet HTML 9Page - Renesas Technology Corp UPC844 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UPC844, UPC4744
R03DS0137EJ0200 Rev.2.00
Page 7 of 10
Feb.14.25
USE WITH PRECAUTIONS
• Managing unused circuits
If there is an unused circuit, the following connection is recommended.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the IC may conduct,
causing characteristics degradation or damage. In addition, if the input pin is lower than V−, or the output pin exceeds
the power supply voltage, it is recommended to make a clamping circuit using a diode with low forward voltage (e.g.:
Schottky diode) as protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input
voltage is as follows.
VICM (TYP.): V−
~ V+ − 1.8 (V) (TA = 25°C).
During designing, do include some tolerance by considering temperature characteristics etc.
• Maximum output voltage
The TYP. value range of the maximum output voltage when the supply voltage does not meet the condition of electrical
characteristics is as follows:
Vom + (TYP.) : V + -1 [V] (TA = 25 °C), Vom - (TYP.) : V - +0.7 [V] (TA = 25 °C)
During designing, do include some tolerance by considering characteristics variation, temperature characteristics and
so on. In addition, also note that the output voltage range (Vom+ − Vom−) will become narrow when the output current
increases.
• Output Operation
This IC will not be able to sink output current when the output voltage is V− + 0.7 V and below. In this case, the output
voltage level can be improved to the V- side by connecting the load resistor between the output terminal and V- to sink
the current at the load resistor. (The effect will differ depending on the flow of current in the load resistance.)
• Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuates due to
piezoelectric effect. Therefore, pay attention to warpage or bending of a board.
V -
+
-
V -
V +
V +
R
R
同相入力電圧範囲
(VICM) 内の電位へ
Process example of unused circuits
To potentials within
the range of
common-mode input
voltage (VICM)
Remark : In this example, an intermediate potential between V + and V - is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com