Electronic Components Datasheet Search
  English  ▼

X  

T5050 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # T5050
Description  SMD TypeWhite LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T5050 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button T5050 Datasheet HTML 7Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 8Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 9Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 10Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 11Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 12Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 13Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 14Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AVA Technology
T5050
Doc. No. : RD-EDS-0031
Version 1.0
Date : 2007.01.10
Page: 12 of 14
13.CAUTIONS:
(1)Storage
‧Before opening the package :
The LEDs should be kept at 30℃ or less and 30%RH~85%RH. The LEDs should be
used within a year. When storing the LEDs, moisture proof packaging with desiccant
(Silica gel)is recommended.
‧After opening the package :
The LEDs should be kept at 30℃ or less and 30%RH~70%RH.The LEDs should be
soldered within 168hours (7days) after opening the package. If unused LEDs remain,
they should be stored in moisture proof packages, such as sealed containers with
packages of moisture desiccant (Silica ge1), or reseal the moisture proof bag again.
If the moisture desiccant (Silica ge1)has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the fo1lowing conditions.
Baking treatment: more than 24 hours at 65℃.
Please avoid conditions which may cause the LED to corrode, tarnish or disco1or. This
corrosion or discoloration might lower solderability or might effect on optical
characteristics.-Please avoid rapid transitions in ambient temperature, especially in high
humidity environments where condensation can occur.
‧Moisture Proof package
When moisture is absorbed into the SMT package it may vaporize and expand during
soldering. There is a possibility that this can cause exfoliation of the contacts and damage
to the optical characteristics of the LEDs. For this reason, the moisture proof package is
used to keep moisture to a minimum in the package. A package of a moisture desiccant
(silica gel)is inserted into the moisture proof bag-The silica gel changes its color from
blue to pink as it absorbs moisture.
(2)Static Electricity
‧Static electricity or surge voltage damages the LEDs. It is recommended that a wrist band
or an anti-electrostatic glove and shoe be used when handling the LEDs.
‧All devices, equipment and machinery must be properly grounded. It is recommended that
measures be taken against surge voltage to the equipment that mounts the LEDs.
‧when inspecting the final products in which LEDs were assembled, it is recommended to
check whether the assembled LEDs are damaged by static electricity or not. It is easy to
End static-damaged LEDs by a light-on test or a VF test at a lower current (below l mA).
‧ Damaged LEDs will show some unusual characteristics such as the leak current
remarkably increases, the forward voltage becomes lower, or the LEDs do not light at the
low current. (Criteria : VF>2.0V at IF=0.5mA.)
(3)Heat Generation
‧Please consider the heat generation of the LED when making the system design that it’s
very importance. The coefficient of temperature increase per input electric power is
effected by the thermal resistance of the circuit board and density of LED placement on
the board, and other components. It is necessary to avoid intense heat generation and
operate within the maximum ratings given in this specification.
‧ The operating current should be decided after considering the ambient maximum
temperature of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com