Electronic Components Datasheet Search
  English  ▼

X  

T5050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T5050
Description  SMD TypeWhite LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T5050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T5050 Datasheet HTML 1Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 2Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 3Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 4Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 5Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 6Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 7Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 8Page - List of Unclassifed Manufacturers T5050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AVA Technology
T5050
Doc. No. : RD-EDS-0031
Version 1.0
Date : 2007.01.10
Page: 1 of 14
Top View LED with Reflector
1. FEATURES
· High intensity with small package, ideal for backlighting
· Wide viewing angle ( 120° )
· Package Outline (L×W×H)=5.0×5.0×1.5 mm
· Technology : InGaN
· Color coordinates CIE(x,y) : (0.31,0.31) according to CIE 1931.
· Suitable for all SMT assembly methods
· Suitable for all soldering methods
· Delivery on 12mm tape reels
2. APPLICATIONS
· Automotive: indoor/outdoor lighting.
· Signal and symbol lightings
· Backlighting (Large LCD…..)
· All applications in notice high intensities are required
· Strobe Light
· Channel Letter
· Decorative Light
3. DEVICES PACKAGE
ITEM
MATERIALS
Package
Heat-Resistant Polymer
Encapsulating
Heat Resistance Resin
Electrodes
Ag Plating Copper Alloy
Type
Color of
Emission
Color of the Light
Emitting Area
Luminous intensity
Iv (mcd)
IF =20mA
T5050
White
Colored
3000 ~ 6000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com