Electronic Components Datasheet Search
  English  ▼

X  

C2474 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # C2474
Description  RDFC Controllers for Offline Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2474 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button C2474 Datasheet HTML 9Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 10Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 11Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 12Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 13Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 14Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 15Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 16Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
C2472, C2473 and C2474
Datasheet
RDFC Controllers for Offline Applications
Product data
Page 13 of 18
DS-1423-0709C
© Cambridge Semiconductor Ltd 2007
26-Sep-2007
ABSOLUTE MAXIMUM RATINGS
CAUTION: Permanent damage may result if a device is subjected to operating conditions at or in excess of
absolute maximum ratings.
Parameter
Symbol
Condition
Min
Max
Units
Supply voltage
VDD
4.6
V
Input voltage AUX
VAUX
-0.5
VDD + 0.5
V
Input voltage BAS
VBAS
-0.5
VDD + 0.5
V
Input voltage CS
VCS
-0.5
VDD + 0.5
V
Input voltage COL
VCOL
-0.5
VDD + 0.5
V
Pin current VDD
IDD
-100
30
mA
Pin current AUX
IAUX
-100
100
mA
All other conditions
-100
100
1
mA
Tj < 125 °C
-100
220
mA
Pin current BAS
IBAS
While Qoff is on (Figure 7), base
duty < 30%
Tj < 100 °C
-100
400
mA
Pin current CS
ICS
-100
100
mA
During PBD: ESD diode limit, input is high
impedance
-100
100
mA
During turn-on transient (ACTICLAMP active)
-250
250
mA
Pin current COL
ICOL
During resonance off period
-125
250
mA
Junction
temperature
TJ
-25
125
oC
Storage
temperature
TSTOR
-40
150
oC
Lead temperature
(soldering, 10 s)
TL
260
oC
Human body model, JESD22-A114
2
kV
ESD withstand
Charged device model, ANSI-ESD-STM5.3.1
500
V
1 I
BAS can be higher if controller is active and not in PBD or FON, up to V BAS = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com