Electronic Components Datasheet Search
  English  ▼

X  

C2474 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C2474
Description  RDFC Controllers for Offline Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2474 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C2474 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2474 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
C2472, C2473 and C2474
Datasheet
RDFC Controllers for Offline Applications
Product data
Page 3 of 18
DS-1423-0709C
© Cambridge Semiconductor Ltd 2007
26-Sep-2007
TYPICAL APPLICATION CIRCUIT
The C2472, C2473 and C2474 controllers are intended primarily for single input voltage AC/DC applications,
such as replacement of line frequency linear transformer power supplies. These versatile controllers support
a wide range of applications at low cost. A typical circuit configuration is shown in Figure 3.
Figure 3: Typical RDFC Application Schematic
Typical 12 W Charger Performance
Input
115 V ac
Output
12 V, 1 A dc
Efficiency
> 80%
No-load power input
< 150 mW
Typical Maximum Application Rated Power
Power Switch
(Q1) Gain
115 Vac
230 Vac
Standard
20 W
40 W
High
40 W
60 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com