Electronic Components Datasheet Search
  English  ▼

X  

ISO7231ADW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7231ADW
Description  One Megabit per Second Triple Digital Isolators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADW Datasheet(HTML) 1 Page - Texas Instruments

  ISO7231ADW Datasheet HTML 1Page - Texas Instruments ISO7231ADW Datasheet HTML 2Page - Texas Instruments ISO7231ADW Datasheet HTML 3Page - Texas Instruments ISO7231ADW Datasheet HTML 4Page - Texas Instruments ISO7231ADW Datasheet HTML 5Page - Texas Instruments ISO7231ADW Datasheet HTML 6Page - Texas Instruments ISO7231ADW Datasheet HTML 7Page - Texas Instruments ISO7231ADW Datasheet HTML 8Page - Texas Instruments ISO7231ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
ISO7230
DWPACKAGE
9
10
11
12
13
14
15
16
NC
NC
INA
GND1
VCC1
NC
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
1
2
3
4
5
6
7
8
ISO7231
DWPACKAGE
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
NC
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN2
VCC2
EN1
ISO7230A
ISO7231A
www.ti.com ........................................................................................................................................................................................................ SLLS906 – MAY 2008
One Megabit per Second Triple Digital Isolators
• 1-Mbps Signaling Rate
• High Electromagnetic Immunity
(see application note SLLA181)
–
Low Channel-to-Channel Output Skew;
• –40°C to 125°C Operating Range
1 ns max
–
Low Pulse-Width Distortion (PWD);
2 ns max
• Industrial Fieldbus
–
Low Jitter Content; 1 ns Typ at 150 Mbps
• Computer Peripheral Interface
• Typical 25-Year Life at Rated Working Voltage
• Servo Control Interface
(see application note SLLA197 and Figure 10)
• Data Acquisition
• 4000-V
peak Isolation, 560-Vpeak VIORM
–
UL 1577, IEC 60747-5-2 (VDE 0884, Rev 2),
IE 61010-1 and CSA Approved
• 4 kV ESD Protection
• Operate With 3.3-V or 5-V Supplies
The ISO7230A and ISO7231A are triple-channel digital isolators each with multiple channel configurations and
output enable functions. These devices have logic input and output buffers separated by TI’s silicon dioxide
(SiO2) isolation barrier. Used in conjunction with isolated power supplies, these devices block high voltage,
isolate grounds, and prevent noise currents on a data bus or other circuits from entering the local ground and
interfering with or damaging sensitive circuitry.
The ISO7230 triple-channel device has all three channels in the same direction while the ISO7231 has two
channels in one direction and one channel in opposition. These devices have an active-high output enable that
when driven to a low level, places the output in a high-impedance state and turns off internal bias circuitry to
conserve power.
The ISO7230A and ISO7231A have TTL input thresholds and a noise-filter at the input that prevents transient
pulses of up to 2 ns in duration from being passed to the output of the device.
In each device a periodic update pulse is sent across the isolation barrier to ensure the proper dc level of the
output. If this dc-refresh pulse is not received, the input is assumed to be unpowered or not being actively driven,
and the failsafe circuit drives the output to a logic high state. (Contact TI for a logic low failsafe option).
These devices require two supply voltages of 3.3-V, 5-V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS. These devices are characterized for operation
over the ambient temperature range of –40
°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7231ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231ADW TI-ISO7231ADW Datasheet
746Kb / 21P
One Megabit per Second Triple Digital Isolators
ISO7231ADWG4 TI-ISO7231ADWG4 Datasheet
746Kb / 21P
One Megabit per Second Triple Digital Isolators
ISO7231ADWR TI-ISO7231ADWR Datasheet
746Kb / 21P
One Megabit per Second Triple Digital Isolators
ISO7231ADWRG4 TI-ISO7231ADWRG4 Datasheet
746Kb / 21P
One Megabit per Second Triple Digital Isolators
More results

Similar Description - ISO7231ADW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
Triple-Channel Digital Isolators
6/04-Data Sheet Changed from Rev. B to Rev. C.
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
Triple-Channel Digital Isolators
1/07-Rev. E to Rev. F
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
Triple-Channel Digital Isolators
Rev. G
logo
Texas Instruments
ISO7231ADWRG4 TI-ISO7231ADWRG4 Datasheet
746Kb / 21P
One Megabit per Second Triple Digital Isolators
logo
Analog Devices
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
Triple-Channel Digital Isolators
Rev. J
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
Triple-Channel Digital Isolators
Rev. J
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
Triple-Channel Digital Isolators
Rev. J
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
Triple-Channel Digital Isolators
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com