Electronic Components Datasheet Search
  English  ▼

X  

ISO7231ADW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7231ADW
Description  One Megabit per Second Triple Digital Isolators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADW Datasheet(HTML) 2 Page - Texas Instruments

  ISO7231ADW Datasheet HTML 1Page - Texas Instruments ISO7231ADW Datasheet HTML 2Page - Texas Instruments ISO7231ADW Datasheet HTML 3Page - Texas Instruments ISO7231ADW Datasheet HTML 4Page - Texas Instruments ISO7231ADW Datasheet HTML 5Page - Texas Instruments ISO7231ADW Datasheet HTML 6Page - Texas Instruments ISO7231ADW Datasheet HTML 7Page - Texas Instruments ISO7231ADW Datasheet HTML 8Page - Texas Instruments ISO7231ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FUNCTION DIAGRAM
Input
+
Filter
GalvanicIsolation
Barrier
Vref
Vref
DataMUX
EN
IN
OSC
+
PWM
ACDetect
OutputBuffer
DCChannel
ACChannel
Filter
PulseWidth
Demodulation
CarrierDetect
OUT
ISO7230A
ISO7231A
SLLS906 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Device Function Table ISO723x (1)
INPUT
OUTPUT ENABLE
OUTPUT
VCC1
VCC2
(IN)
(EN)
(OUT)
H
H or Open
H
L
H or Open
L
PU
PU
X
L
Z
Open
H or Open
H
PD
PU
X
H or Open
H
PD
PU
X
L
Z
(1)
PU = Powered Up; PD = Powered Down ; X = Irrelevant; H = High Level; L = Low Level
AVAILABLE OPTIONS
SIGNALING
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
RATE
THRESHOLD
CONFIGURATION
AS
NUMBER(1)
ISO7230ADW (rail)
~1.5 V (TTL)
ISO7230ADW
1 Mbps
3/0
ISO7230A
(CMOS compatible)
ISO7230ADWR (reel)
ISO7231ADW (rail)
~1.5 V (TTL)
ISO7231ADW
1 Mbps
2/1
ISO7231A
(CMOS compatible)
ISO7231ADWR (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7230A ISO7231A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com