| Electronic Components Datasheet Search |
|
TMS320DM6467 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 340 page ![]() TMS320DM6467 Digital Media System-on-Chip www.ti.com SPRS403A – DECEMBER 2007 – REVISED MAY 2008 Table 2-9. Asynchronous External Memory Interface (EMIFA) Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. PCI_AD15/ IPD E5 I/O/Z HD15/EM_D15 DVDD33 PCI_AD14/ IPD C1 I/O/Z HD14 /EM_D14 DVDD33 PCI_AD13/ IPD E4 I/O/Z HD13/EM_D13 DVDD33 PCI_AD12/ IPD D3 I/O/Z HD12/EM_D12 DVDD33 PCI_AD11/ IPD E3 I/O/Z HD11/EM_D11 DVDD33 PCI_AD10/ IPD D2 I/O/Z HD10/EM_D10 DVDD33 PCI_AD9/ IPD F5 I/O/Z HD9/EM_D9 DVDD33 These pins are multiplexed between PCI, HPI, and EMIFA. PCI_AD8/ IPD D1 I/O/Z For EMIFA mode, these pins are the 16-bit bidirectional data bus (EM_D[15:0]) HD8/EM_D8 DVDD33 [I/O/Z]. PCI_AD7/ IPD When EMIFA is configured for an 8-bit asynchronous memory, only EM_D[7:0] E2 I/O/Z HD7/EM_D7 DVDD33 pins are used. PCI_AD6/ IPD F3 I/O/Z HD6/EM_D6 DVDD33 PCI_AD5/ IPD E1 I/O/Z HD5/EM_D5 DVDD33 PCI_AD4/ IPD G5 I/O/Z HD4/EM_D4 DVDD33 PCI_AD3/ IPD F2 I/O/Z HD3/EM_D3 DVDD33 PCI_AD2/ IPD G4 I/O/Z HD2/EM_D2 DVDD33 PCI_AD1/ IPD F1 I/O/Z HD1/EM_D1 DVDD33 PCI_AD0/ IPD G3 I/O/Z HD0/EM_D0 DVDD33 EMIFA FUNCTIONAL PINS: NAND PCI_IRDY/ This pin is multiplexed between PCI, HPI, and EMIFA. IPU HRDY/ A3 I/O/Z In EMIFA mode, this pin is address bit 17 output EM_A[17] (O/Z). DVDD33 EM_A[17]/(CLE) When used for EMIFA (NAND), this pin is Command Latch Enable output (CLE). PCI_TRDY/ This pin is multiplexed between PCI, HPI, and EMIFA. IPU HHWIL/ E6 I/O/Z For EMIFA, this pin is address bit 16 output EM_A[16] (O/Z). DVDD33 EM_A[16]/(ALE) When used for EMIFA (NAND), this pin is Address Latch Enable output (ALE). PCI_INTA/ This pin is multiplexed between PCI and EMIFA. IPU EM_WAIT2/ C11 I/O/Z In EMIFA mode, this pin is wait state extension input 2 EM_WAIT2 (I). DVDD33 (RDY2/BSY2) When used for EMIFA (NAND), this pin is the ready/busy 2 input (RDY2/BSY2). IORDY/ This pin is multiplexed between ATA, GPIO, and EMIFA. IPU GP[21]/EM_WAIT3/ D11 I/O/Z In EMIFA mode, this pin is wait state extension input 3 EM_WAIT3 (I). DVDD33 (RDY3/BSY3) When used for EMIFA (NAND), this pin is the ready/busy 3 input (RDY3/BSY3). DIOW/ This pin is multiplexed between ATA, GPIO, and EMIFA. IPU GP[20]/EM_WAIT4/ A11 I/O/Z In EMIFA mode, this pin is wait state extension input 4 EM_WAIT4 (I). DVDD33 (RDY4/BSY4) When used for EMIFA (NAND), this pin is the ready/busy 4 input (RDY4/BSY4). DIOR/ This pin is multiplexed between ATA, GPIO, and EMIFA. IPU GP[19]/EM_WAIT5/ E10 I/O/Z For EMIFA, this pin is wait state extension input 5 EM_WAIT5 (I). DVDD33 (RDY5/BSY5) When used for EMIFA (NAND), this pin is the ready/busy 5 input (RDY5/BSY5). PCI_SERR/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. HDS1/ B2 I/O/Z DVDD33 In EMIFA mode, this pin is the output enable output EM_OE (O/Z). EM_OE Submit Documentation Feedback Device Overview 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |