Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 77Page - Texas Instruments TMS320DM6467 Datasheet HTML 78Page - Texas Instruments TMS320DM6467 Datasheet HTML 79Page - Texas Instruments TMS320DM6467 Datasheet HTML 80Page - Texas Instruments TMS320DM6467 Datasheet HTML 81Page - Texas Instruments TMS320DM6467 Datasheet HTML 82Page - Texas Instruments TMS320DM6467 Datasheet HTML 83Page - Texas Instruments TMS320DM6467 Datasheet HTML 84Page - Texas Instruments TMS320DM6467 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 340 page
background image
3
Device Configurations
3.1 System Module Registers
TMS320DM6467
Digital Media System-on-Chip
www.ti.com
SPRS403A – DECEMBER 2007 – REVISED MAY 2008
The system module includes status and control registers for configuration of the device.Brief descriptions
of the various registers are shown in Table 3-1. System Module registers required for device
configurations are discussed in the following sections.
Table 3-1. System Module Register Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 0000
PINMUX0
Pin Multiplexing Control 0 (see Section 3.7.2.1, PINMUX0 Register).
0x01C4 0004
PINMUX1
Pin Multiplexing Control 1 (see Section 3.7.2.2, PINMUX1 Register).
0x01C4 0008
DSPBOOTADDR
DSP Boot Address. Decoded by bootloader software for host boots.
(See Section 3.4.2.1, DSPBOOTADDR Register.)
0x01C4 000C
SUSPSRC
Emulator Suspend Source (see Section 3.7.3.12, Emulation Control).
0x01C4 0010
BOOTSTAT
Boot Status (see Section 3.4.2.2, BOOTSTAT Register).
0x01C4 0014
BOOTCFG
Device Boot Configuration (see Section 3.4.2.3, BOOTCFG Register).
0x01C4 0018
–
Reserved
0x01C4 001C - 0x01C4 0020
–
Reserved
0x01C4 0024
ARMBOOT
ARM926 Boot Control (see Section 3.4.2.4, ARMBOOT Register).
0x01C4 0028
JTAGID
Device ID Number [see Section 6.28.1, JTAG ID (JTAGID) Register
Description(s)].
0x01C4 002C
–
Reserved
0x01C4 0030
HPICTL
HPI Control (see Section 3.6.2.1, HPICTL Register).
0x01C4 0034
USBCTL
USB Control (see Section 3.6.2.2, USBCTL Register).
0x01C4 0038
VIDCLKCTL
Video Clock Control (see Section 3.3.2.1, Video Clock Control).
0x01C4 003C
MSTPRI0
Bus Master Priority Control 0 (see Section 3.6.1, Switch Central
Resource (SCR) Bus Priorities).
0x01C4 0040
MSTPRI1
Bus Master Priority Control 1 (see Section 3.6.1, Switch Central
Resource (SCR) Bus Priorities).
0x01C4 0044
MSTPRI2
Bus Master Priority Control 2 (see Section 3.6.1, Switch Central
Resource (SCR) Bus Priorities).
0x01C4 0048
VDD3P3V_PWDN
VDD 3.3-V I/O Powerdown Control (see Section 3.2, Power
Considerations).
0x01C4 004C
–
Reserved
0x01C4 0050
TSIFCTL
TSIF Control Register (see Section 3.3.2.2, TSIF Control).
0x01C4 0054
PWMCTL
PWM Control (see Section 3.6.2.3, PWM (Trigger Source) Control
Register).
0x01C4 0058
EDMATCCFG
EDMA TC Configuration (see Section 3.6.2.4, EDMATCCFG
Register).
0x01C4 005C
CLKCTL
Oscillator and Output Clock Control (see Section 3.3.3, Clock and
Oscillator Control).
0x01C4 0060
DSPINT
ARM to DSP Interrupt Status (see Section 3.7.3.11, ARM/DSP
Communications Interrupts).
0x01C4 0064
DSPINTSET
ARM to DSP Interrupt Set (see Section 3.7.3.11, ARM/DSP
Communications Interrupts).
0x01C4 0068
DSPINTCLR
ARM to DSP Interrupt Clear (see Section 3.7.3.11, ARM/DSP
Communications Interrupts).
0x01C4 006C
VSCLKDIS
Video and TSIF Clock Disable (see Section 3.3.2.3, Video and TSIF
Clock Disable).
0x01C4 0070
ARMINT
DSP to ARM Interrupt Status (see Section 3.7.3.11, ARM/DSP
Communications Interrupts).
0x01C4 0074
ARMINTSET
DSP to ARM Interrupt Set (see Section 3.7.3.11, ARM/DSP
Communications Interrupts).
Submit Documentation Feedback
Device Configurations
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com