Electronic Components Datasheet Search
  English  ▼

X  

ACT421LCSMX-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT421LCSMX-4
Description  4 pad, high quality, low aging SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT421LCSMX-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT421LCSMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT421LCSMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Re-Flow Profile
Issue 8 H2
Date 05/09/2006
Tel :
0044 (0)118 979 1238
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
http://www.actcrystals.com
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Specification: ACT421LCSMX-4 Series
EF
ABCD
13.5
1.5
4.0
4.0
3.5
12.0
1.0
GH
I
J
K
L
2.5
1.2
Tape and Reel
Reel size = 2K pieces
21.6
60
178
13
M
M
L
B
F
C
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com