Electronic Components Datasheet Search
  English  ▼

X  

ACT421LCSMX-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT421LCSMX-4
Description  4 pad, high quality, low aging SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT421LCSMX-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT421LCSMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT421LCSMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Specification
Frequency Tolerance
Δf/fo
±10ppm ~±30ppm @25°C
Refer to table 3
Please specify
Stability over temp range
Tc
±10ppm ~±30ppm
Refer to table 3
Please specify
Temp Operating Range
Topr
-20 ~+70°C STD( -40 ~+85°C Option)
Please specify
Temp Storage Range
Tstg
-40~+85°C
Equivalent Series Resistance
ESR
See Table 2
Load Capacitance
CL
8~16pF
Please specify
Shunt Capacitance
C0
5pF max
Drive Level
DL
10
μW (300μW max)
Insulation Resistance
IR
500M
Ω min
@100V DC
Aging
Fa
±2ppm / year max
@25°C
Shock
Drop test 3 times onto 2mm stainless steel from 75cm
Reflow
Table 1
Available Fundamental Frequencies
12.000MHz
13.000MHz
14.31818MHz
16.000MHz
20.000MHz
24.576MHz
25.000MHz
26.000MHz
27.000MHz
30.000MHz
32.000MHz
35.328MHz
40.000MHz
48.000MHz
Table 2
ESR (Max)
12MHz to 19.999MHz
80
Ω
20MHz to 25.99MHz
70
Ω
26MHz to 48MHz
50
Ω
Table 3
Issue 8 H2
Date 05/09/2006
Condition
Enquire
Enquire
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
±10ppm
260°C for 10 seconds max
±20ppm
±30ppm
Stability
Tolerance
-20 ~ +70°C
-40 ~ +85°C
25°C
Specification
Frequency
fo
Fundamental
12 ~ 48MHz
For frequencies not shown in table 1
please enquire for availability.
±15ppm
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
The ACT421LCSMX-4 is a 4 pad, high quality, low aging SMD Crystal in a ceramic base /
metal lid package, seam welded for good long term reliability. The lid is grounded through
the package to assist with EMI issues and the pads are gold plated. Its wide frequency
range and frequency tolerance / stability options with its small size make the device ideal for
many applications including Bluetooth, Notebook, PCMCIA, Instrumentation,
Microprocessor Systems and Wireless / Communications equipment.
Available loose or on 2K reels to suit high/low volume requirements.
ACT421LCSMX-4 (Preferred type)
Pad termination 0.3 -1.0um over 1.3-8.8um Ni
1 of 2


Similar Part No. - ACT421LCSMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
4 pad, high quality, low aging SMD Crystal
01/02/06
More results

Similar Description - ACT421LCSMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT420SMX-4 ACT-ACT420SMX-4 Datasheet
262Kb / 2P
4 pad, high quality, low aging 4x2.5mm SMD Crystal
24/01/07
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
4 pad, high quality, low aging SMD Crystal
01/02/06
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT753SMX-4 ACT-ACT753SMX-4 Datasheet
265Kb / 2P
4 pad, high quality, low aging SMD Crystal in a ceramic base
18/4/07
ACT753SMX-2 ACT-ACT753SMX-2 Datasheet
113Kb / 2P
2 pad, high quality, low aging SMD
17/08/04
ACT530SMX-2 ACT-ACT530SMX-2 Datasheet
129Kb / 2P
2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
ACT753SMX-4 ACT-ACT753SMX-4_12 Datasheet
154Kb / 3P
4 pad, high quality, low aging SMD Crystal in a ceramic base
18-7-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com