Electronic Components Datasheet Search
  English  ▼

X  

ACT845SMX-2 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT845SMX-2
Description  2 pad, cost competitive ceramic packaged, glass sealed crystal.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT845SMX-2 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT845SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT845SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLDERING CONDITIONS
Issue 3 H2
Date 28/10/05
16.0
F
2.0
C
8.0
D
7.5
E
KL
A
1.5
B
4.0
2.5
IJ
H
13.5
60.0
GM
G
76.7
HI
17.5
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
71.0
82.5
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
94.1 99.8
21.6
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT845SMX-2 TAPE DIMENSIONS ( Units :mm ) 1,000 piece reels standard
1.6
65.2
178.0
K
88.3
JL
M
REEL DIMENSIONS ( Units :mm )
B
F
C
Pre Heat : 30 ~ 60 Seconds
Reflow temp : 260°C Max
M
L
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com